Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34412-010500 Datasheet(PDF) 1 Page - Belden Inc.

Part # 34412-010500
Description  Lead Wire, #12 Str TC, CSPE Ins, AWM 3191
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

34412-010500 Datasheet(HTML) 1 Page - Belden Inc.

  34412-010500 Datasheet HTML 1Page - Belden Inc. 34412-010500 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 34412
Lead Wire, #12 Str TC, CSPE Ins, AWM 3191
Product Description
Low Temp Rubber Lead Wire, 12AWG (65x30) Tinned Copper, CSPE Insulation, AWM 3191 CSA TYPE CL1053 600V 105C
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
12
65x30
TC - Tinned Copper 1
Conductor Count:
1
Insulation
Material
Nominal Diameter Nominal Wall Thickness Min. Average Wall Thickness
CSPE - Chlorosulphonated Polyethylene 0.19 in
0.052 in
0.045 in
Electrical Characteristics
Voltage
UL Voltage Rating
600 V RMS
Temperature Range
UL Temp Rating:
105°C
Operating Temperature Range: -30°C To +105°C
Mechanical Characteristics
Recommended Max Baking
Cycles:
24 Hours @ 300°F (149°C)
Bulk Cable Weight:
35 lbs/1000ft
Min. Bend Radius/Minor Axis:
0.76 in
Standards
UL AWM Style Compliance:
AWM 3191
CSA Rating:
600 V, 105°C
CSA Type:
CL1053
Applicable Environmental and Other Programs
EU Directive 2000/53/EC
(ELV):
Yes
EU Directive 2003/96/EC
(BFR):
Yes
EU Directive 2011/65/EU
(RoHS 2):
Yes
EU Directive 2012/19/EU
(WEEE):
Yes


Similar Part No. - 34412-010500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34412 ETC2-34412 Datasheet
340Kb / 1P
Wiha Maxiflex Hose System 1/4
logo
Littelfuse
344125 LITTELFUSE-344125 Datasheet
194Kb / 3P
Traditional Panel Mount Type
344125 LITTELFUSE-344125 Datasheet
440Kb / 1P
344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
More results

Similar Description - 34412-010500

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34404 BELDEN-34404 Datasheet
141Kb / 2P
Lead Wire, #4 Str TC, CSPE Ins, AWM 3192
01-20-2023
34406 BELDEN-34406 Datasheet
141Kb / 2P
Lead Wire, #6 Str TC, CSPE Ins, AWM 3192
01-20-2023
34410 BELDEN-34410 Datasheet
139Kb / 2P
Lead Wire, #10 Str TC, CSPE Ins, AWM 3191
01-20-2023
34414 BELDEN-34414 Datasheet
190Kb / 2P
Lead Wire, #14 Str TC, CSPE Ins, AWM 3191
01-20-2023
34416 BELDEN-34416 Datasheet
142Kb / 2P
Lead Wire, #16 Str TC, CSPE Ins, AWM 3191
05-05-2023
34418 BELDEN-34418 Datasheet
144Kb / 2P
Lead Wire, #18 Str TC, CSPE Ins, AWM 3191
05-05-2023
34916 BELDEN-34916 Datasheet
140Kb / 2P
Lead Wire, #16 Str TC, CSPE Ins, AWM 3190
05-05-2023
34920 BELDEN-34920 Datasheet
142Kb / 2P
Lead Wire, #20 Str TC, CSPE Ins, AWM 3190
05-05-2023
34922 BELDEN-34922 Datasheet
139Kb / 2P
Lead Wire, #22 Str TC, CSPE Ins, AWM 3190
05-05-2023
34402 BELDEN-34402 Datasheet
141Kb / 2P
Lead Wire, #2 Str TC, CSPE Ins, AWM 3192
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com