Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTB2C2.5 Datasheet(PDF) 1 Page - Belden Inc.

Part # RTB2C2.5
Description  RailTuff™ Thin wall cable 300V 2 C 2.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RTB2C2.5 Datasheet(HTML) 1 Page - Belden Inc.

  RTB2C2.5 Datasheet HTML 1Page - Belden Inc. RTB2C2.5 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: RTB2C2.5
RailTuff™ Thin wall cable 300V 2 C 2.5 mm² TC, XLPO Ins, TCBS, XLPO
Outer Jkt
Product Description
RailTuff™ Thin wall cable 300V 2 Cores 2.5 mm² Tinned Copper, XLPO Insulation, Tinned Copper Braid Shield, XLPO Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
Applicable for fixed or moderate flexing wiring inside Railway Rolling Stock like High-Speed Trains (CRH, Shinkansen, ICE, TGV), Metro, locomotives, and trolley buses, etc
Construction Details
Conductor
Size
Material
2.5 mm² TC - Tinned Copper
Insulation
Material
Nom. Insulation Diameter
Color Code
XLP, XLPO, XLPE 2.75 mm (0.108 in)
White#1, White#2
Outer Shield
Shield Type
Material
Braid
Tinned Copper (TC)
Outer Jacket
Material
Nom. Diameter
XLP, XLPO, XLPE 6.80 mm (0.268 in)
Overall Cable Diameter (Nominal):
6.8 ± 0.25 mm
Mechanical Characteristics
Temperature
Operating
-40°C to +90°C
Bend Radius
Stationary Min. Installation Min.
68 mm (2.7 in)
68 mm (2.7 in)
Bulk Cable Weight:
81.8 kg/km (55.0 lbs/1000ft)
Standards and Compliance
Environmental Suitability:
Indoor, Outdoor, Non-Halogenated
Flammability / Reaction to Fire:
IEC 60332-1-2, IEC 60332-2-25, EN 50305
European Halogen Free Standards: IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity = 10 µS/mm, IEC 60754-2 - Halogen Acid Gas Amount - Min. pH = 4.3
Product Notes
Notes:
EMEA PN: RTB2C250;


Similar Part No. - RTB2C2.5

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RTB2C0.5 BELDEN-RTB2C0.5 Datasheet
140Kb / 2P
RailTuff™ Thin wall cable 300V 2 C 0.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB2C0.75 BELDEN-RTB2C0.75 Datasheet
140Kb / 2P
RailTuff™ Thin wall cable 300V 2 C 0.75 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-17-2023
RTB2C1 BELDEN-RTB2C1 Datasheet
140Kb / 2P
RailTuff™ Thin wall cable 300V 2 C 1.0 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB2C1.5 BELDEN-RTB2C1.5 Datasheet
140Kb / 2P
RailTuff™ Thin wall cable 300V 2 C 1.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
More results

Similar Description - RTB2C2.5

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RTB1C1.5 BELDEN-RTB1C1.5 Datasheet
142Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 1.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB1C2.5 BELDEN-RTB1C2.5 Datasheet
142Kb / 2P
RailTuff™ Thin wall cable 300V 1 C 2.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB2C0.5 BELDEN-RTB2C0.5 Datasheet
140Kb / 2P
RailTuff™ Thin wall cable 300V 2 C 0.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB2C0.75 BELDEN-RTB2C0.75 Datasheet
140Kb / 2P
RailTuff™ Thin wall cable 300V 2 C 0.75 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-17-2023
RTB2C1.5 BELDEN-RTB2C1.5 Datasheet
140Kb / 2P
RailTuff™ Thin wall cable 300V 2 C 1.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB2C1 BELDEN-RTB2C1 Datasheet
140Kb / 2P
RailTuff™ Thin wall cable 300V 2 C 1.0 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB3C0.75 BELDEN-RTB3C0.75 Datasheet
142Kb / 2P
RailTuff™ Thin wall cable 300V 3 C 0.75 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB3C1.5 BELDEN-RTB3C1.5 Datasheet
142Kb / 2P
RailTuff™ Thin wall cable 300V 3 C 1.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB3C2.5 BELDEN-RTB3C2.5 Datasheet
142Kb / 2P
RailTuff™ Thin wall cable 300V 3 C 2.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
RTB4C2.5 BELDEN-RTB4C2.5 Datasheet
143Kb / 2P
RailTuff™ Thin wall cable 300V 4 C 2.5 mm² TC, XLPO Ins, TCBS, XLPO Outer Jkt
04-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com