Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL16X24B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QL16X24B
Description  pASIC 1 Family Very-High-Speed CMOS FPGA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL16X24B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QL16X24B Datasheet HTML 2Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 3Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 4Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 5Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 6Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 7Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 8Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 9Page - List of Unclassifed Manufacturers QL16X24B Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
QL16x24B
4-29
AC CHARACTERISTICS at VCC = 5V, TA = 25°C (K = 1.00)
Logic Cell
Input Cells
Output Cell
Propagation Delays (ns) [4]
Symbol
Parameter
Output Load Capacitance (pF)
30
50
75
100
150
tOUTLH
Output Delay Low to High
2.7
3.4
4.2
5.0
6.7
tOUTHL
Output Delay High to Low
2.8
3.7
4.7
5.6
7.6
tPZH
Output Delay Tri-state to High
4.0
4.9
6.1
7.3
9.7
tPZL
Output Delay Tri-state to Low
3.6
4.2
5.0
5.8
7.3
tPHZ
Output Delay High to Tri-state [8]
2.9
tPLZ
Output Delay Low to Tri-state [8]
3.3
Notes:
[6]
See High Drive Buffer Table for more information.
[7]
Clock buffer fanout refers to the maximum number of flip flops per half column. The number of half
columns used does not affect clock buffer delay.
[8]
The following loads are used for tPXZ:
Propagation Delays (ns)
Symbol
Parameter
Fanout
12
34
8
tPD
Combinatorial Delay [5]
1.7
2.2
2.6
3.2
5.3
tSU
Setup Time [5]
2.1
2.1
2.1
2.1
2.1
tH
Hold Time
0.0
0.0
0.0
0.0
0.0
tCLK
Clock to Q Delay
1.0
1.5
1.9
2.6
4.7
tCWHI
Clock High Time
2.0
2.0
2.0
2.0
2.0
tCWLO
Clock Low Time
2.0
2.0
2.0
2.0
2.0
tSET
Set Delay
1.7
2.2
2.6
3.2
5.3
tRESET
Reset Delay
1.5
1.9
2.2
2.7
4.4
tSW
Set Width
1.9
1.9
1.9
1.9
1.9
tRW
Reset Width
1.8
1.8
1.8
1.8
1.8
Symbol
Parameter
Propagation Delays (ns) [4]
12
34
6
8
tIN
High Drive Input Delay [6]
2.8
2.9
3.0
3.1
4.0
5.3
tINI
High Drive Input, Inverting Delay [6]
3.0
3.1
3.2
3.3
4.1
5.7
tIO
Input Delay (bidirectional pad)
1.4
1.9
2.2
2.9
4.7
6.5
tGCK
Clock Buffer Delay [7]
2.7
2.8
2.9
3.0
3.1
3.3
tGCKHI
Clock Buffer Min High [7]
2.0
2.0
2.0
2.0
2.0
2.0
tGCKLO
Clock Buffer Min Low [7]
2.0
2.0
2.0
2.0
2.0
2.0
4
5 pF
1K
Ω
5 pF
1K
Ω
tPHZ
tPLZ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com