Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA010 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC24FJ128GA010
Description  General Purpose, 16-Bit Flash Microcontrollers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA010 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC24FJ128GA010 Datasheet HTML 17Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 18Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 19Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 20Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 21Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 22Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 23Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 24Page - Microchip Technology PIC24FJ128GA010 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 232 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39747C-page 19
PIC24FJ128GA FAMILY
2.0
CPU
The PIC24 CPU has a 16-bit (data) modified Harvard
architecture with an enhanced instruction set, and a
23-bit instruction word with a variable length opcode
field. The Program Counter (PC) is 24 bits wide and
addresses up to 4M instructions of user program
memory space. A single-cycle instruction prefetch
mechanism is used to help maintain throughput and
provides predictable execution. All instructions execute
in a single cycle, with the exception of instructions that
change the program flow, the double-word move
(MOV.D) instruction and the table instructions. Over-
head-free program loop constructs are supported using
the REPEAT instructions, which are interruptible at any
point.
PIC24 devices have sixteen 16-bit working registers in
the programmer’s model. Each of the working
registers can act as a data, address or address offset
register. The 16th working register (W15) operates as
a software Stack Pointer for interrupts and calls.
The upper 32 Kbytes of the data space memory map
can optionally be mapped into program space at any
16K word boundary defined by the 8-bit Program
Space Visibility Page (PSVPAG) register. The program
to data space mapping feature lets any instruction
access program space as if it were data space.
The Instruction Set Architecture (ISA) has been signifi-
cantly enhanced beyond that of the PIC18, but main-
tains an acceptable level of backward compatibility. All
PIC18
instructions
and
addressing
modes
are
supported either directly or through simple macros.
Many of the ISA enhancements have been driven by
compiler efficiency needs.
The core supports Inherent (no operand), Relative,
Literal, Memory Direct and three groups of addressing
modes. All modes support Register Direct and various
Register Indirect modes. Each group offers up to 7
addressing modes. Instructions are associated with
predefined addressing modes depending upon their
functional requirements.
For most instructions, the core is capable of executing
a data (or program data) memory read, a working reg-
ister (data) read, a data memory write and a program
(instruction) memory read per instruction cycle. As a
result, three-parameter instructions can be supported,
allowing trinary operations (that is, A + B = C) to be
executed in a single cycle.
A high-speed 17-bit by 17-bit multiplier has been
included to significantly enhance the core arithmetic
capability and throughput. The multiplier supports
signed, unsigned and mixed mode 16-bit by 16-bit or
8-bit by 8-bit integer multiplication. All multiply
instructions execute in a single cycle.
The 16-bit ALU has been enhanced with integer divide
assist
hardware
that
supports
an
iterative
non-restoring divide algorithm. It operates in conjunc-
tion with the REPEAT instruction looping mechanism,
and a selection of iterative divide instructions, to
support 32-bit (or 16-bit) divided by 16-bit integer
signed and unsigned division. All divide operations
require 19 cycles to complete but are interruptible at
any cycle boundary.
The PIC24 has a vectored exception scheme with up
to 8 sources of non-maskable traps and up to 118
interrupt sources. Each interrupt source can be
assigned to one of seven priority levels.
A block diagram of the CPU is shown in Figure 2-1.
2.1
Programmer’s Model
The programmer’s model for the PIC24 is shown in
Figure 2-2. All registers in the programmer’s model are
memory mapped and can be manipulated directly by
instructions. A description of each register is provided
in
Table 2-1.
All
registers
associated
with
the
programmer’s model are memory mapped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com