Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2902-1IGN Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC2902-1IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2902-1IGN Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC2902-1IGN Datasheet HTML 1Page - Linear Integrated Systems LTC2902-1IGN Datasheet HTML 2Page - Linear Integrated Systems LTC2902-1IGN Datasheet HTML 3Page - Linear Integrated Systems LTC2902-1IGN Datasheet HTML 4Page - Linear Integrated Systems LTC2902-1IGN Datasheet HTML 5Page - Linear Integrated Systems LTC2902-1IGN Datasheet HTML 6Page - Linear Integrated Systems LTC2902-1IGN Datasheet HTML 7Page - Linear Integrated Systems LTC2902-1IGN Datasheet HTML 8Page - Linear Integrated Systems LTC2902-1IGN Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC2902
2902f
2.5V Threshold Voltage
vs Temperature
1.8V Threshold Voltage
vs Temperature
1.5V Threshold Voltage
vs Temperature
ADJ Threshold Voltage
vs Temperature
– ADJ Threshold Voltage
vs Temperature
IV1 vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–60
2.375
2.350
2.325
2.300
2.275
2.250
2.225
2.200
2.175
2.150
2.125
2.100
–20
20
40
2902 G04
–40
0
60
80
100
5%
7.5%
10%
12.5%
TEMPERATURE (
°C)
–60
1.710
1.685
1.660
1.635
1.610
1.585
1.560
1.535
1.510
–20
20
40
2902 G05
–40
0
60
80
100
5%
7.5%
10%
12.5%
TEMPERATURE (
°C)
–60
1.425
1.405
1.385
1.365
1.345
1.325
1.305
1.285
1.265
–20
20
40
2902 G06
–40
0
60
80
100
5%
7.5%
10%
12.5%
TEMPERATURE (
°C)
–60
0.508
0.503
0.498
0.493
0.488
0.483
0.478
0.473
0.468
0.463
0.458
0.453
–20
20
40
2902 G07
–40
0
60
80
100
5%
7.5%
10%
12.5%
VREF vs Temperature
IV2 vs Temperature
IV3 vs Temperature
TEMPERATURE (
°C)
–60
0.018
0.012
0.006
0
–0.006
–0.012
–0.018
–20
20
40
2902 G08
–40
0
60
80
100
TEMPERATURE (
°C)
–60
1.228
1.216
1.204
1.192
1.180
1.168
1.156
1.144
1.132
1.112
1.108
1.096
–20
20
40
2902 G09
–40
0
60
80
100
5%
7.5%
10%
12.5%
TEMPERATURE (
°C)
–60
0
10
30
40
50
100
70
–20
20
40
2902 G10
20
80
90
60
–40
0
60
80
100
V1 = 5V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V
TEMPERATURE (
°C)
–60
0.5
0.6
0.8
0.9
1.0
1.5
1.2
–20
20
40
2902 G11
0.7
1.3
1.4
1.1
–40
0
60
80
100
V1 = 5V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V
TEMPERATURE (
°C)
–60
0.1
0.2
0.4
0.5
0.6
1.1
0.8
–20
20
40
2902 G12
0.3
0.9
1.0
0.7
–40
0
60
80
100
V1 = 5V
V2 = 3.3V
V3 = 2.5V
V4 = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com