Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2902-2IGN Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LTC2902-2IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2902-2IGN Datasheet(HTML) 4 Page - Linear Integrated Systems

  LTC2902-2IGN Datasheet HTML 1Page - Linear Integrated Systems LTC2902-2IGN Datasheet HTML 2Page - Linear Integrated Systems LTC2902-2IGN Datasheet HTML 3Page - Linear Integrated Systems LTC2902-2IGN Datasheet HTML 4Page - Linear Integrated Systems LTC2902-2IGN Datasheet HTML 5Page - Linear Integrated Systems LTC2902-2IGN Datasheet HTML 6Page - Linear Integrated Systems LTC2902-2IGN Datasheet HTML 7Page - Linear Integrated Systems LTC2902-2IGN Datasheet HTML 8Page - Linear Integrated Systems LTC2902-2IGN Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC2902
2902f
TEST CIRCUITS
TI I G DIAGRA
TYPICAL PERFOR A CE CHARACTERISTICS
V1
V2
V3
V4
2902 F01
LTC2902-1
RST
OR COMPX
ISOURCE
1
µA
V1
V2
V3
V4
2902 F02
LTC2902-1
ISINK
2.5mA,
100
µA
RST
OR COMPX
V1
V2
V3
V4
2902 F03
LTC2902-2
RST
ISOURCE
200
µA
Figure 1. RST, COMPX VOH Test
Figure 2. RST, COMPX VOL Test
Figure 3. Active Pull-Up RST VOH Test
tRST
2902 TD
VRTX
VX
RST
COMPX
tUV
1.5V
VX Monitor Timing
5V Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–60
4.75
4.70
4.65
4.60
4.55
4.50
4.45
4.40
4.35
4.30
4.25
–20
20
40
2902 G01
–40
0
60
80
100
5%
7.5%
10%
12.5%
TEMPERATURE (
°C)
–60
3.135
3.100
3.065
3.030
2.995
2.960
2.925
2.890
2.855
2.820
2.785
–20
20
40
2902 G02
–40
0
60
80
100
5%
7.5%
10%
12.5%
TEMPERATURE (
°C)
–60
2.850
2.815
2.780
2.745
2.710
2.675
2.640
2.605
2.570
2.535
–20
20
40
2902 G03
–40
0
60
80
100
5%
7.5%
10%
12.5%
3.3V Threshold Voltage
vs Temperature
3V Threshold Voltage
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com