Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1PS302 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 1PS302
Description  Dual high-speed switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

1PS302 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  1PS302 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 1PS302 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 1PS302 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 1PS302 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 1PS302 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 1PS302 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 1PS302 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 1PS302 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 1PS302 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1PS302
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 23 July 2012
2 of 11
Nexperia
1PS302
Dual high-speed switching diode
2.
Pinning information
3.
Ordering information
4.
Marking
[1] * = placeholder for manufacturing site code
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
anode
2
cathode
3
cathode (diode 1),
anode (diode 2)
12
3
006aaa763
12
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
1PS302
SC-70
plastic surface-mounted package; 3 leads
SOT323
Table 4.
Marking codes
Type number
Marking code[1]
1PS302
C*3
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-85
V
VR
reverse voltage
-
80
V
IF
forward current
[1]
[2] -200
mA
[3] -170
mA
IFRM
repetitive peak forward
current
tp  0.5 s;

0.25
-500
mA
IFSM
non-repetitive peak forward
current
square wave
[4]
tp =1 s-
4
A
tp =1s
-
0.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com