Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS28
Description  High-speed double diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS28 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS28 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS28 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS28 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS28 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS28 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS28 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS28 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS28 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS28 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BAS28
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 22 July 2010
4 of 12
Nexperia
BAS28
High-speed double diode
7.
Characteristics
[1] When switched from IF = 10 mA to IR =10mA; RL = 100 Ω; measured at IR =1mA.
[2] When switched from IF =10mA; tr =20ns.
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 1 mA
-
-
715
mV
IF = 10 mA
-
-
855
mV
IF = 50 mA
--1
V
IF = 150 mA
--1.25
V
IR
reverse current
VR = 25 V
--30
nA
VR = 75 V
--1
μ
A
VR =25V; Tj =150 °C
--30
μ
A
VR =75V; Tj =150 °C
--50
μ
A
Cd
diode capacitance
f = 1 MHz; VR = 0 V
--1.5
pF
trr
reverse recovery time
[1] --4
ns
VFR
forward recovery voltage
[2] --1.75 V
(1) Tj = 150 °C; typical values
(2) Tj =25 °C; typical values
(3) Tj =25 °C; maximum values
Based on square wave currents.
Tj =25 °C; prior to surge
Fig 1.
Forward current as a function of forward
voltage
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
02
300
IF
(mA)
0
100
200
mbg382
1
VF (V)
(1)
(2)
(3)
mbg704
10
1
102
IFSM
(A)
10−1
tp (μs)
1104
103
10
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com