Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS29 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS29
Description  General purpose controlled avalanche (double) diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS29 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS29 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS29 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS29 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS29 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS29 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS29 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS29 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS29 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS29 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2003 Mar 20
4
NXP Semiconductors
Product data sheet
General purpose controlled avalanche
(double) diodes
BAS29; BAS31; BAS35
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.3
IF = 10 mA
−
750
mV
IF = 50 mA
−
840
mV
IF = 100 mA
−
900
mV
IF = 200 mA
−
1
V
IF = 400 mA
−
1.25
V
IR
reverse current
see Fig.5
VR = 90 V
−
100
nA
VR = 90 V; Tj = 150 °C
−
100
µA
V(BR)R
reverse avalanche breakdown
voltage
IR = 1 mA
120
170
V
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
−
35
pF
trr
reverse recovery time
when switched from IF = 30 mA to
IR = 30 mA; RL = 100 Ω; measured
at IR = 3 mA; see Fig.7
−
50
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
360
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com