Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS35 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS35
Description  General purpose controlled avalanche (double) diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS35 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS35 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS35 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS35 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS35 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS35 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS35 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS35 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS35 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS35 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2003 Mar 20
2
NXP Semiconductors
Product data sheet
General purpose controlled avalanche
(double) diodes
BAS29; BAS31; BAS35
FEATURES
• Small plastic SMD package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage: max. 90 V
• Repetitive peak reverse voltage: max. 110 V
• Repetitive peak forward current: max. 600 mA
• Repetitive peak reverse current: max. 600 mA.
APPLICATIONS
• General purpose switching in e.g. surface mounted
circuits.
DESCRIPTION
General purpose switching diodes fabricated in planar
technology, and encapsulated in small rectangular plastic
SMD SOT23 packages. The BAS29 consists of a single
diode. The BAS31 has two diodes in series. The BAS35
has two diodes with a common anode.
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
∗ = W : Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BAS29
L20 or
∗A8
BAS31
L21 or
∗V1
BAS35
L22 or
∗V2
PIN
DESCRIPTION
BAS29
BAS31
BAS35
1
anode
anode
cathode (k1)
2
not connected cathode
cathode (k2)
3
cathode
common
connection
common
anode
handbook, halfpage
21
3
a. Simplified outline.
c. BAS31 diode.
b. BAS29 diode.
d. BAS35 diode.
MAM233
1
2
3
1
2
3
1
2
n.c.
3
Fig.1 Simplified outline (SOT23) and symbols.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com