Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS85 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS85
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS85 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS85 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS85 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS85 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS85 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS85 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS85 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS85 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS85 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS85 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BAS85
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 — 10 September 2010
4 of 10
Nexperia
BAS85
Schottky barrier diode
FR4 PCB, standard footprint
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
Fig 1.
Average forward current as a function of
ambient temperature; derating curve
Fig 2.
Forward current as a function of forward
voltage; typical values
(1) Tamb =85 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
f=1MHz; Tamb =25 °C
Fig 3.
Reverse current as a function of reverse
voltage; typical values
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
0
50
100
150
200
250
0
50
100
150
IF(AV)
(mA)
Tamb (°C)
mra540
1.2
0.8
0.4
0
VF (V)
IF
(mA)
103
102
10
1
10−1
mld358
(1) (2) (3)
(1)
(2) (3)
mgc682
105
IR
(nA)
104
103
102
10−1
10
1
30
20
VR (V)
10
0
(1)
(2)
(3)
010
20
VR (V)
30
12
Cd
(pF)
0
4
8
mgc681



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com