Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46WH Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAT46WH
Description  Single Schottky barrier diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT46WH Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAT46WH Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT46WH Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Single planar Schottky barrier diode with an integrated guard ring for stress protection,
encapsulated in a small and flat lead SOD123F Surface-Mounted Device (SMD) plastic
package.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp  300 s;  0.02.
2.
Pinning information
[1]
The marking bar indicates the cathode.
BAT46WH
Single Schottky barrier diode
Rev. 2 — 28 November 2011
Product data sheet
 Low forward voltage
 Low capacitance
 Reverse voltage VR  100 V
 AEC-Q101 qualified
 Small and flat lead SMD plastic package
 High-speed switching
 Voltage clamping
 Line termination
 Reverse polarity protection
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VR
reverse voltage
-
-
100
V
VF
forward voltage
IF =250 mA
[1] --850
mV
IR
reverse current
VR =75V
[1] --4
A
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
sym001
12


Similar Part No. - BAT46WH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT46WH NXP-BAT46WH Datasheet
177Kb / 12P
Single Schottky barrier diode
Rev. 2-28 November 2011
logo
TECH PUBLIC Electronics...
BAT46WH TECHPUBLIC-BAT46WH Datasheet
3Mb / 4P
Schottky barrier diode
logo
Nexperia B.V. All right...
BAT46WH-Q NEXPERIA-BAT46WH-Q Datasheet
254Kb / 11P
Schottky barrier diode
20 March 2023
More results

Similar Description - BAT46WH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
Single Schottky barrier diode
Rev. 2-8 November 2011
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
Schottky barrier single diode
24 July 2012
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
Single Schottky barrier diode
Rev. 2-8 November 2011
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
Schottky barrier single diode
17 December 2012
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
Schottky barrier single diode
17 December 2012
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
Single Schottky barrier diode
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
Schottky barrier single diode
16 June 2021
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
Schottky barrier single diode
1 October 2022
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
Schottky barrier single diode
25 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com