Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT85 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT85
Description  Schottky barrier single diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT85 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT85 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT85 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT85 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT85 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT85 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT85 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT85 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT85 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAT85
Schottky barrier single diode
BAT85
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2012. All rights reserved
Product data sheet
24 July 2012
2 / 8
3. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BAT85
DO-34
hermetically sealed glass package; axial leaded; 2 leads
SOD68
4. Marking
Table 4.
Marking codes
Type number
Marking code
BAT85
marking band
5. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IF(AV)
average forward current
δ ≤ 0.5 ; f = 20 kHz; PCB mounting,
lead length = 4 mm; half sine wave
-
200
mA
IFRM
repetitive peak forward current tp ≤ 1 s; δ ≤ 0.5
-
300
mA
IFSM
non-repetitive peak forward
current
tp ≤ 10 ms; Tj(init) = 25 °C
-
5
A
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
-65
125
°C
Tstg
storage temperature
-65
150
°C
6. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
-
320
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com