Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M400320B1PJ-R Datasheet(PDF) 1 Page - MTRONPTI

Part # M400320B1PJ-R
Description  9x14 mm, 5.0 or 3.3 Volt, PECL, VCSO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M400320B1PJ-R Datasheet(HTML) 1 Page - MTRONPTI

  M400320B1PJ-R Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M4003 & M4004 Series
9x14 mm, 5.0 or 3.3 Volt, PECL, VCSO
Integrated phase jitter of less than 0.5 ps from 12 kHz to 20 MHz
Ideal for SONET and 10 and 40 Gigabit Ethernet applications
•
•
Pin Connections
Revision:7-27-06
J-Lead Package
FR-4 Package


Similar Part No. - M400320B1PJ-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M400320B1PJ-R MTRONPTI-M400320B1PJ-R Datasheet
296Kb / 2P
9x14 mm, 5.0 or 3.3 Volt, PECL, VCSO
More results

Similar Description - M400320B1PJ-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
F17250B MTRONPTI-F17250B Datasheet
258Kb / 1P
9x14 mm FR-4, 5.0 or 3.3 Volt, PECL, VCXO
MPV3J MTRONPTI-MPV3J Datasheet
265Kb / 1P
9x14 mm, 3.3 Volt, PECL/LVDS, VCXO
MPV5 MTRONPTI-MPV5 Datasheet
250Kb / 2P
9x14 mm, 5.0 Volt, PECL, VCXO
MPV5J MTRONPTI-MPV5J Datasheet
251Kb / 1P
9x14 mm, 5.0 Volt, PECL/LVDS VCXO
M4S MTRONPTI-M4S Datasheet
210Kb / 1P
9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M7S MTRONPTI-M7S Datasheet
255Kb / 1P
9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator
M4001 MTRONPTI-M4001 Datasheet
259Kb / 1P
9x14 mm, 5.0 or 3.3 Volt, Sinewave, VCSO
M4S MTRONPTI-M4S_07 Datasheet
191Kb / 1P
9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M4001_0611 MTRONPTI-M4001_0611 Datasheet
292Kb / 2P
9x14 mm, 5.0 or 3.3 Volt, Sinewave, VCSO
M4003_0611 MTRONPTI-M4003_0611 Datasheet
296Kb / 2P
9x14 mm, 5.0 or 3.3 Volt, PECL, VCSO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com