Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH10H009LFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH10H009LFG
Description  100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H009LFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH10H009LFG Datasheet HTML 1Page - Diodes Incorporated DMTH10H009LFG Datasheet HTML 2Page - Diodes Incorporated DMTH10H009LFG Datasheet HTML 3Page - Diodes Incorporated DMTH10H009LFG Datasheet HTML 4Page - Diodes Incorporated DMTH10H009LFG Datasheet HTML 5Page - Diodes Incorporated DMTH10H009LFG Datasheet HTML 6Page - Diodes Incorporated DMTH10H009LFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH10H009LFG
Document number: DS42437 Rev. 3 - 2
2 of 7
www.diodes.com
December 2020
© Diodes Incorporated
DMTH10H009LFG
Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
TA = +25°C
TA = +100°C
ID
14
10
A
TC = +25°C
TC = +100°C
ID
55
39
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
30
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
220
A
Pulsed Body Diode Continuous Current (10µs Pulse, Duty Cycle = 1%)
ISM
220
A
Avalanche Current (L = 1mH)
IAS
17
A
Avalanche Energy (L = 1mH)
EAS
144.5
mJ
Thermal Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.5
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
60
°C/W
Total Power Dissipation
TC = +25°C
PD
39
W
Thermal Resistance, Junction to Case
RθJC
3.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
100
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 80V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
1.1
—
2.5
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
6.4
8.5
mΩ
VGS = 10V, ID = 20A
—
8.2
12.5
VGS = 4.5V, ID = 10A
Diode Forward Voltage
VSD
—
0.8
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
—
2361
—
pF
VDS = 50V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
—
611
—
Reverse Transfer Capacitance
Crss
—
16
—
Gate Resistance
Rg
—
1.7
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
—
41
—
nC
VDD = 50V, ID = 13A,
VGS = 10V
Gate-Source Charge
Qgs
—
7.3
—
Gate-Drain Charge
Qgd
—
9.3
—
Turn-On Delay Time
tD(ON)
—
7
—
ns
VDD = 50V, VGS = 10V,
ID = 13A, Rg = 6Ω
Turn-On Rise Time
tR
—
12
—
Turn-Off Delay Time
tD(OFF)
—
42
—
Turn-Off Fall Time
tF
—
24
—
Reverse Recovery Time
tRR
—
45
—
ns
IF = 13A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
68
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com