Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH10H015SPSQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH10H015SPSQ
Description  100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H015SPSQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH10H015SPSQ Datasheet HTML 1Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 2Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 3Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 4Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 5Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 6Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 7Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 8Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMTH10H015SPSQ
Document number: DS39955 Rev. 3 - 2
2 of 9
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMTH10H015SPSQ
Ordering Information (Note 4)
Part Number
Package
Packing
Qty.
Carrier
DMTH10H015SPSQ-13
PowerDI5060-8
2,500
Tape & Reel
DMTH10H015SPSQ-13
PowerDI5060-8 (SWP) (Type UX)
2,500
Tape & Reel
Notes:
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TC = +25°C
TC = +100°C
ID
56
39
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
120
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
56
A
Avalanche Current L = 3mH
IAS
7.5
A
Avalanche Energy L = 3mH
EAS
85
mJ
Avalanche Current, L = 0.1mH
IAS
15.8
A
Avalanche Energy, L = 0.1mH
EAS
12.5
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.7
W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
55
°C/W
Total Power Dissipation (Note 5)
TC = +25°C
PD
94
W
Thermal Resistance, Junction to Case (Note 5)
RθJC
1.6
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Notes:
5. Thermal resistance from junction to soldering point (on the exposed drain pad).
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
TH1015SS
S
S
S
G
D
D
D
D
YY WW
=
Manufacturer’s Marking
TH1015SS = Product Type Marking Code
YYWW or YYWW = Date Code Marking
YY or YY= Last Two Digits of Year (ex: 23 = 2023)
WW = Week Code (01 to 53)
TH1015SS
S
S
S
G
D
D
D
D
YY WW
PowerDI5060-8 (SWP) (Type UX)
PowerDI5060-8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com