Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH46M7SFVWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH46M7SFVWQ
Description  40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH46M7SFVWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH46M7SFVWQ Datasheet HTML 1Page - Diodes Incorporated DMTH46M7SFVWQ Datasheet HTML 2Page - Diodes Incorporated DMTH46M7SFVWQ Datasheet HTML 3Page - Diodes Incorporated DMTH46M7SFVWQ Datasheet HTML 4Page - Diodes Incorporated DMTH46M7SFVWQ Datasheet HTML 5Page - Diodes Incorporated DMTH46M7SFVWQ Datasheet HTML 6Page - Diodes Incorporated DMTH46M7SFVWQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH46M7SFVWQ
Document number: DS41951 Rev. 4 - 2
2 of 7
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DMTH46M7SFVWQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6), VGS = 10V
TC = +25
C
ID
67.2
A
TC = +100
C
47.5
Continuous Drain Current (Note 5), VGS = 10V
TA = +25
C
ID
16.3
A
TA = +100
C
11.5
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
260
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
65
A
Pulsed Body Diode Forward Current (10
μs Pulse, Duty Cycle = 1%)
ISM
260
A
Avalanche Current, L = 0.1mH
IAS
26.6
A
Avalanche Energy, L = 0.1mH
EAS
35.3
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
3.2
W
Thermal Resistance, Junction to Ambient (Note 5)
RJA
46.8
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
54.5
W
Thermal Resistance, Junction to Case (Note 6)
RJC
2.75
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
40
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 32V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
2
—
4
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
5.7
7.4
m
Ω
VGS = 10V, ID = 20A
Diode Forward Voltage
VSD
—
0.9
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
1315
—
pF
VDS = 20V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
517
—
Reverse Transfer Capacitance
Crss
—
30.9
—
Gate Resistance
Rg
—
1.13
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
—
14.8
—
nC
VDS = 20V, ID = 20A, VGS = 10V
Gate-Source Charge
Qgs
—
1.9
—
Gate-Drain Charge
Qgd
—
5.2
—
Turn-On Delay Time
tD(ON)
—
8.67
—
ns
VDD = 20V, VGS = 10V,
Rg = 3Ω, ID = 20A
Turn-On Rise Time
tR
—
16.1
—
Turn-Off Delay Time
tD(OFF)
—
15.9
—
Turn-Off Fall Time
tF
—
9.07
—
Body Diode Reverse Recovery Time
tRR
—
105
—
ns
IF = 20A, di/dt = 300A/μs
Body Diode Reverse Recovery Charge
QRR
—
229
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com