Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH6016LFVWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH6016LFVWQ
Description  60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6016LFVWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH6016LFVWQ Datasheet HTML 1Page - Diodes Incorporated DMTH6016LFVWQ Datasheet HTML 2Page - Diodes Incorporated DMTH6016LFVWQ Datasheet HTML 3Page - Diodes Incorporated DMTH6016LFVWQ Datasheet HTML 4Page - Diodes Incorporated DMTH6016LFVWQ Datasheet HTML 5Page - Diodes Incorporated DMTH6016LFVWQ Datasheet HTML 6Page - Diodes Incorporated DMTH6016LFVWQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH6016LFVWQ
Document number: DS39906 Rev. 4 - 2
2 of 7
www.diodes.com
September 2018
© Diodes Incorporated
DMTH6016LFVWQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 8) VGS = 10V
TC = +25°C
TC = +100°C
ID
41
29
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
160
A
Maximum Continuous Body Diode Forward Current (Note 8)
IS
33
A
Pulsed Body Diode Forward Current (Note 8)
ISM
160
A
Avalanche Current, L = 0.1mH (Note 9)
IAS
16
A
Avalanche Energy, L = 0.1mH (Note 9)
EAS
12.8
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
PD
1.17
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
128
°C/W
Total Power Dissipation (Note 7)
PD
2.38
W
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RJA
63
°C/W
Thermal Resistance, Junction to Case (Note 8)
RJC
3.7
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 10)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 10)
Gate Threshold Voltage
VGS(TH)
1
—
2.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
12.3
16
m
Ω
VGS = 10V, ID = 20A
—
20.3
27
VGS = 4.5V, ID = 18A
Diode Forward Voltage
VSD
—
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 11)
Input Capacitance
Ciss
—
939
—
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
270
—
Reverse Transfer Capacitance
Crss
—
23.4
—
Gate Resistance
RG
—
1.4
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
7.3
—
nC
VDS = 30V, ID = 10A
Total Gate Charge (VGS = 10V)
Qg
—
15.1
—
Gate-Source Charge
Qgs
—
2.5
—
Gate-Drain Charge
Qgd
—
3.5
—
Turn-On Delay Time
tD(ON)
—
3.9
—
ns
VGS = 10V, VDS = 30V,
RG = 6Ω, ID = 10A
Turn-On Rise Time
tR
—
6.3
—
Turn-Off Delay Time
tD(OFF)
—
14.3
—
Turn-Off Fall Time
tF
—
5.9
—
Reverse Recovery Time
tRR
—
22
—
ns
IF = 10A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
12
—
nC
Notes:
6. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
8. Thermal resistance from junction to soldering point (on the exposed drain pad).
9. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
10. Short duration pulse test used to minimize self-heating effect.
11. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com