Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM20L08 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FM20L08
Description  1Mbit Bytewide FRAM Memory - Extended Temp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FM20L08 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FM20L08 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 10Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FM20L08 - Extended Temp.
Rev. 1.4
Oct. 2005
Page 7 of 14
Software Write Protect Timing
CE
A(16:0)
WE
DQ(7:0)
05555
Data
Data
OE
1AAAA
03333
1CCCC
100FF
0FF00
1AAAA
1CCCC
0FF00
00000
SRAM Drop-In Replacement
The FM20L08 has been designed to be a drop-in
replacement for standard asynchronous SRAMs. The
device does not require /CE to toggle for each new
address. /CE may remain low indefinitely while VDD
is applied. When /CE is low, the device automatically
detects address changes and a new access is begun. It
also allows page mode operation at speeds up to
33MHz.
Although /CE may be held low for extended
periods of time, the pin should not be tied to
ground or held low during power cycles.
/CE
must be pulled high and allowed to track VDD
during powerup and powerdown cycles. It is the
user’s responsibility to ensure that chip enable is
high to prevent incorrect operation.
Figure 3
shows a pullup resistor on /CE which will keep the
pin high during power cycles assuming the
MCU/MPU
pin
tri-states
during
the
reset
condition.
The pullup resistor value should be
chosen to ensure the /CE pin tracks VDD yet a high
enough value that the current drawn when /CE is
low is not an issue.
Figure 3. Use of Pullup Resistor on /CE
For applications that require the lowest power
consumption, the /CE signal should be active only
during memory accesses. Due to the external pullup
resistor, some supply current will be drawn while /CE
is low. When /CE is high, the device draws no more
than the maximum standby current ISB.
The FM20L08 is backward compatible with the
256Kbit FM18L08 device.
So, operating the
FM20L08 with /CE toggling low on every address is
perfectly acceptable.
CE
WE
OE
A(16:0)
DQ
FM20L08
VDD
MCU/
MPU
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com