Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS16951PSM Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS16951PSM
Description  GMR Speed and Direction Crankshaft Sensor with Three-Wire, Pulse-Width Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS16951PSM Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS16951PSM Datasheet HTML 1Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 2Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 3Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 4Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 5Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 6Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 7Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 8Page - Allegro MicroSystems ATS16951PSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
GMR Speed and Direction Crankshaft Sensor
with Three-Wire, Pulse-Width Output
ATS16951PSM
2
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PROGRAMMABLE OPTIONS
Name
Available Selections*
Sensor Output Protocol
Pulse Width Option (Variable output pulse width
protocol conveys rotational speed and relative
direction)
(W option)
Speed Only Option (Digital square wave output
only conveys rotational speed, no relative direction
information is available)
(O option)
Forward Pulse, tW(FWD), Rotation Direction
Target movement from pin 1 to pin 3
(F Option)
Target movement from pin 3 to pin 1
(R Option)
Output Pulse Location
Pulse in middle of the tooth with ferromagnetic target or
rising mechanical edge (decided by M1 or M2 option)
(N Option)
Pulse in middle of the valley with ferromagnetic target
or falling mechanical edge (decided by M1 or M2
option)
(S Option)
Pulse sent in the middle of the target feature (valley or
tooth decided by option N or S)
(Option M1)
Pulse sent on the mechanical edge (rising or falling
mechanical edge decided by option N or S)
(Option M2)
Typical Forward Pulse Width, tW(FWD)
22.5 μs
(F1 Option)
45 μs
(F2 Option)
Typical Reverse Pulse Width, tW(REV)
45 μs
(R1 Option)
90 μs
(R2 Option)
135 μs
(R3 Option)
180 μs
(R4 Option)
Typical Fall Time (with VPU = 5 V and RPU = 1 kΩ)
3 μs
(T1 option)
6 μs
(T2 option)
1 μs
(T3 option)
2 μs
(T4 option)
Target Profiling Diagnostics
Target profile Diagnostics enabled
(D option)
Target profile Diagnostics not available
(NA)
ASIL Protocol
ASIL enabled with Open Short
Detection enabled
(1 V / 4 V Output,
A Option)
ASIL enabled with Open Short
Detection disabled
(0 V / 5 V Output,
B Option)
ASIL disabled
(NA)
*Not all combinations are available. Contact Allegro sales for pricing and availability of custom programming options.
SELECTION GUIDE
Part Number
Package
Packing
ATS16951PSMGTN-WFNM2F2R2T1-D-B
3-pin SIP with NiPdAu leadframe plating
Tape and reel, 800 pieces per 13-inch reel
ATS16951PSMGTN-WFNM2F2R2T1-D-A
ATS16951PSMGTN-WFNM2F2R2T1-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com