Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB2769ASNR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB2769ASNR2
Description  Low Power, Reduced EMI Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2769ASNR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NB2769ASNR2 Datasheet HTML 1Page - ON Semiconductor NB2769ASNR2 Datasheet HTML 2Page - ON Semiconductor NB2769ASNR2 Datasheet HTML 3Page - ON Semiconductor NB2769ASNR2 Datasheet HTML 4Page - ON Semiconductor NB2769ASNR2 Datasheet HTML 5Page - ON Semiconductor NB2769ASNR2 Datasheet HTML 6Page - ON Semiconductor NB2769ASNR2 Datasheet HTML 7Page - ON Semiconductor NB2769ASNR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 2
1
Publication Order Number:
NB2769A/D
NB2769A
Low Power, Reduced EMI
Clock Synthesizer
The NB2769A is a versatile spread spectrum frequency modulator
designed specifically for a wide range of clock frequencies. The
NB2769A reduces ElectroMagnetic Interference (EMI) at the clock
source, allowing system wide reduction of EMI of all clock dependent
signals. The NB2769A allows significant system cost savings by
reducing the number of circuit board layers, ferrite beads and
shielding that are traditionally required to pass EMI regulations.
The NB2769A uses the most efficient and optimized modulation
profile approved by the FCC and is implemented by using a
proprietary all digital method.
The NB2769A modulates the output of a single PLL in order to
“spread” the bandwidth of a synthesized clock, and more importantly,
decreases the peak amplitudes of its harmonics. This results in
significantly lower system EMI compared to the typical narrow band
signal produced by oscillators and most frequency generators.
Lowering EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
The NB2769A is targeted towards all portable devices with very
low power requirements like MP3 players and digital still cameras.
Features
• Generates an EMI Optimized Clocking Signal at the Output
• Integrated Loop Filter Components
• Operates with a 3.3 V / 2.5 V Supply
• Operating Current less than 4.0 mA
• Low Power CMOS Design
• Input Frequency Range: 6.0 MHz to 12 MHz for 2.5 V
Input Frequency Range: 6.0 MHz to 13 MHz for 3.3 V
• Generates a 1X Low EMI Spread Spectrum clock of the Input
Frequency
• Frequency Deviation "1% @ 10 MHz
• Available in TSOP−6 Package (TSOT−23−6)
• Pb−Free Package is Available
MARKING
DIAGRAM*
*For additional marking information, refer to
Application Note AND8002/D.
TSOP−6
(TSOT−23−6)
SN SUFFIX
CASE 318G
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1
E05 = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
E05AYW
1
6


Similar Part No. - NB2769ASNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2760A ONSEMI-NB2760A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2760ASNR2 ONSEMI-NB2760ASNR2 Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2760ASNR2G ONSEMI-NB2760ASNR2G Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2762A ONSEMI-NB2762A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 - Rev. 3
NB2762ASNR2 ONSEMI-NB2762ASNR2 Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 - Rev. 3
More results

Similar Description - NB2769ASNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2579A ONSEMI-NB2579A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2669A ONSEMI-NB2669A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2760A ONSEMI-NB2760A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2779A ONSEMI-NB2779A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2780A ONSEMI-NB2780A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2869A ONSEMI-NB2869A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2870A ONSEMI-NB2870A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2872A ONSEMI-NB2872A Datasheet
106Kb / 6P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 2
NB2969A ONSEMI-NB2969A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2762A ONSEMI-NB2762A Datasheet
116Kb / 8P
Low Power, Reduced EMI Clock Synthesizer
December, 2006 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com