Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150PEZ Datasheet(PDF) 2 Page - Ampleon Netherlands B.V.

Part # ART150PEZ
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150PEZ Datasheet(HTML) 2 Page - Ampleon Netherlands B.V.

  ART150PEZ Datasheet HTML 1Page - Ampleon Netherlands B.V. ART150PEZ Datasheet HTML 2Page - Ampleon Netherlands B.V. ART150PEZ Datasheet HTML 3Page - Ampleon Netherlands B.V. ART150PEZ Datasheet HTML 4Page - Ampleon Netherlands B.V. ART150PEZ Datasheet HTML 5Page - Ampleon Netherlands B.V. ART150PEZ Datasheet HTML 6Page - Ampleon Netherlands B.V. ART150PEZ Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150PEZ Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150PEZ Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ART150PE_ART150PEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2023. All rights reserved.
Product data sheet
Rev. 1 — 13 January 2023
2 of 19
ART150PE; ART150PEG
Power LDMOS transistor
 Radar
 Non cellular communications
 UHF radar
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
[1]
Specified over lifetime at maximum operating temperature.
[2]
Continuous use at maximum temperature will affect the reliability.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
ART150PE (TO-270-2F-1)
1drain
2gate
3source
[1]
ART150PEG (TO-270-2G-1)
1drain
2gate
3source
[1]
1
2
3
sym112
1
3
2
1
2
3
sym112
1
3
2
Table 3.
Ordering information
Package name
Orderable part number
12NC
Packing description
Min. orderable
quantity (pieces)
TO-270-2F-1
ART150PEXY
9349 604 91538 TR7; 100-fold; 24 mm; dry pack
100
ART150PEZ
9349 604 91515 TR13; 500-fold; 24 mm; dry pack
500
TO-270-2G-1
ART150PEGXY
9349 604 92538 TR7; 100-fold; 24 mm; dry pack
100
ART150PEGZ
9349 604 92515 TR13; 500-fold; 24 mm; dry pack
500
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
[1] -
200
V
VGS
gate-source voltage
9+13
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
[2] -
225
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com