Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150PEGXY Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # ART150PEGXY
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150PEGXY Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  ART150PEGXY Datasheet HTML 1Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 2Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 3Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 4Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 5Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 6Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150PEGXY Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ART150PE_ART150PEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2023. All rights reserved.
Product data sheet
Rev. 1 — 13 January 2023
3 of 19
ART150PE; ART150PEG
Power LDMOS transistor
5.
Thermal characteristics
[1]
Refer to application note AN221014 on the Ampleon website.
[2]
See Figure 1.
Table 5.
Thermal characteristics
According to standard MIL-STD-883E.
Symbol Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case Tj =57 C, measured
under RF condition
[1][2] 0.50
K/W
(1)
 = 0.1 % (single pulse)
(2)
 = 1 %
(3)
 = 5 %
(4)
 = 10 %
(5)
 = 20 %
(6)
 = 50 %
(7)
 = 100 % (steady state)
Fig 1.
Transient thermal impedance from junction to case as a function of pulse
duration
amp01814
10-6
10-5
10-4
10-3
10-2
10-1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
tp (s)
Zth(j-c)
th(j-c)
Zth(j-c)
(K/W)
(K/W)
(K/W)
(7)
(7)
(7)
(6)
(6)
(6)
(5)
(5)
(5)
(4)
(4)
(4)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com