Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT5NF30L Datasheet(PDF) 7 Page - STMicroelectronics

Part # STT5NF30L
Description  N-CHANNEL 30V - 0.039W - 4A SOT23-6L STripFET II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT5NF30L Datasheet(HTML) 7 Page - STMicroelectronics

  STT5NF30L Datasheet HTML 1Page - STMicroelectronics STT5NF30L Datasheet HTML 2Page - STMicroelectronics STT5NF30L Datasheet HTML 3Page - STMicroelectronics STT5NF30L Datasheet HTML 4Page - STMicroelectronics STT5NF30L Datasheet HTML 5Page - STMicroelectronics STT5NF30L Datasheet HTML 6Page - STMicroelectronics STT5NF30L Datasheet HTML 7Page - STMicroelectronics STT5NF30L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
STT5NF30L
DIM.
mm
mils
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.90
1.45
0.035
0.057
A1
0.00
0.15
0.000
0.006
A2
0.90
1.30
0.035
0.051
b
0.25
0.50
0.010
0.020
C
0.09
0.20
0.004
0.008
D
2.80
3.10
0.110
0.122
E
2.60
3.00
0.102
0.118
E1
1.50
1.75
0.059
0.069
L
0.35
0.55
0.014
0.022
e
0.95
0.037
e1
1.90
0.075
AA2
A1
b
e
e1
c
E
L
D
E1
SOT23-6L MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com