Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS548A-03 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS548A-03
Description  LOW SKEW CLOCK INVERTER AND DIVIDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS548A-03 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS548A-03 Datasheet HTML 1Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 2Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 3Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 4Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 5Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 6Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 7Page - Renesas Technology Corp ICS548A-03 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS548A-03
LOW SKEW CLOCK INVERTER AND DIVIDER
CLOCK DIVIDER
IDT™ / ICS™ LOW SKEW CLOCK INVERTER AND DIVIDER
2
ICS548A-03
REV C 063006
Pin Assignment
CLK, CLK, and CLK/2 Select Table (MHz)
12
1
11
2
10
3
9
ICLK
4
VDD
5
VDD
6
DC
7
S3
8
GND
DC
CLK
CLK
GND
OE
S2
S1
16
15
14
13
S0
DC
CLK/2
S3
S2
S1
S0
CLK, CLK
CLK/2
PLL
Input Range
0
0
0
0
Low
Low
OFF
Power Down
0
0
0
1
Input/4
Input/8
ON
30 - 120
0
0
1
0
Input
Input/2
ON
20 - 40
0
0
1
1
Input/2
Input/4
ON
20 - 80
0
1
0
0
Low
Low
OFF
Power Down
0
1
0
1
Input x 2
Input
ON
10 - 20
0
1
1
0
Input/5
Input/10
ON
40 - 120
0
1
1
1
Input/3
Input/6
ON
25 - 120
1
0
0
0
Low
Low
OFF
Power Down
1
0
0
1
Input/4
Input/8
ON
30 - 120
1
0
1
0
Input
Input/2
ON
20 - 40
1
0
1
1
Input/2
Input/4
ON
20 - 80
1
1
0
0
Low
Low
OFF
Power Down
1
1
0
1
Input/6
Input/12
OFF
0 - 160
1
1
1
0
Input/8
Input/16
OFF
0 - 160
1
1
1
1
Input/2
Input/4
OFF
0 - 80



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com