Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

552AR-01LF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 552AR-01LF
Description  OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

552AR-01LF Datasheet(HTML) 4 Page - Renesas Technology Corp

  552AR-01LF Datasheet HTML 1Page - Renesas Technology Corp 552AR-01LF Datasheet HTML 2Page - Renesas Technology Corp 552AR-01LF Datasheet HTML 3Page - Renesas Technology Corp 552AR-01LF Datasheet HTML 4Page - Renesas Technology Corp 552AR-01LF Datasheet HTML 5Page - Renesas Technology Corp 552AR-01LF Datasheet HTML 6Page - Renesas Technology Corp 552AR-01LF Datasheet HTML 7Page - Renesas Technology Corp 552AR-01LF Datasheet HTML 8Page - Renesas Technology Corp 552AR-01LF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ICS552A-01
OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
CLOCK MULTIPLIER AND BUFFER
IDT™ / ICS™ OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS 4
ICS552A-01
REV E 051310
Pin Descriptions (ICS552A-01—B mode)
KEY: CI = clock input with pull-up resistor; I = input with internal pull-up resistor.
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
INA
CI
Input to buffer A. Outputs QA1:4 will be the same frequency. Internal pull-up resistor.
2
DC
—
Do not connect.
3
DC
—
Do not connect.
4
VDD
Power
Connect to +3.3 V or 5.0 V. Must be same as other VDDs.
5VDD
Power
Connect to +3.3 V or 5.0 V. Must be same as other VDDs.
6
GND
Power
Connect to ground.
7
QA1
Output
Output 1 from buffer A.
8
QA2
Output
Output 2 from buffer A.
9
QA3
Output
Output 3 from buffer A.
10
QA4
Output
Output 4 from buffer A.
11
S1
I
Mode Select pin 1. Selects mode for outputs. Must be at GND for all clocks on. Internal
pull-up resistor.
12
QB1
Output
Output 1 from buffer B.
13
QB2
Output
Output 2 from buffer B.
14
GND
Power
Connect to ground.
15
VDD
Power
Connect to +3.3 V or 5.0 V. Must be same as other VDDs.
16
VDD
Power
Connect to +3.3 V or 5.0 V. Must be same as other VDDs.
17
QB3
Output
Output 3 from buffer B.
18
QB4
Output
Output 4 from buffer B.
19
INB
CI
Input to buffer B. Outputs QA1:4 will be the same frequency. Internal pull-up resistor.
20
S0
I
Mode Select pin 0. Selects mode for outputs. Must be at GND for all clocks on. Internal
pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com