Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS557-06 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS557-06
Description  2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-06 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS557-06 Datasheet HTML 1Page - Renesas Technology Corp ICS557-06 Datasheet HTML 2Page - Renesas Technology Corp ICS557-06 Datasheet HTML 3Page - Renesas Technology Corp ICS557-06 Datasheet HTML 4Page - Renesas Technology Corp ICS557-06 Datasheet HTML 5Page - Renesas Technology Corp ICS557-06 Datasheet HTML 6Page - Renesas Technology Corp ICS557-06 Datasheet HTML 7Page - Renesas Technology Corp ICS557-06 Datasheet HTML 8Page - Renesas Technology Corp ICS557-06 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ICS557-06
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
PCIE FAN OUT BUFFER
IDT® 2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
2
ICS557-06
REV M 070512
Pin Assignment
Select Table
Pin Descriptions
13
4
12
5
11
IN2
8
9
10
GND
OE
CLKC
CLKD
GND
CLKD
17
16
IREF
3
IN1
IN1
CLKB
18
CLKB
1
SEL
VDDIN
CLKA
20
CLKA
19
14
2
7
IN2
PD
VDD
CLKC
15
6
20-pin (173 mil) TSSOP
SEL
Input Pair
selected
0IN2/ IN2
1IN1/ IN1
Pin
Pin
Name
Pin
Type
Pin Description
1
SEL
Input
SEL=1 selects IN1/IN1. SEL =0 selects IN2/ IN2. Internal pull-up resistor.
2
VDDIN
Power
Connect to +3.3 V. Supply voltage for Input clocks.
3
IN1
Input
HCSL true input signal 1.
4
IN1
Input
HCSL complimentary input signal 1.
5
PD
Input
Powers down the chip and tri-states outputs when low. Internal pull-up
6
IN2
Input
HCSL true input signal 2.
7
IN2
Input
HCSL complimentary input signal 2.
8
OE
Input
Provides fast output on, tri-states output (High = enable outputs; Low =
disable). Internal pull-up resistor outputs.
9
GND
Power
Connect to ground.
10
Rr(IREF)
Output
Precision resistor attached to this pin is connected to the internal current
11
CLKD
Output
Differential Complimentary output clock D.
12
CLKD
Output
Differential True output clock D.
13
CLKC
Output
Differential Complimentary output clock C.
14
CLKC
Output
Differential True output clock C.
15
VDDOUT
Power
Connect to +3.3 V. Supply Voltage for Output Clocks.
16
GND
Power
Connect to ground.
17
CLKB
Output
Differential Complimentary output clock B.
18
CLKB
Output
Differential True output clock B.
19
CLKA
Output
Differential Complimentary output clock A.
20
CLKA
Output
Differential True output clock A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com