Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601M-02ILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS601M-02ILF
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601M-02ILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS601M-02ILF Datasheet HTML 1Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 2Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 3Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 4Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 5Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 6Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 7Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 8Page - Renesas Technology Corp ICS601M-02ILF Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ICS601-02
LOW PHASE NOISE CLOCK MULTIPLIER
SYNTHESIZERS
IDT™ LOW PHASE NOISE CLOCK MULTIPLIER
4
ICS601-02
REV G 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS601-02. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
DC Electrical Characteristics
Unless stated otherwise, VDD = VDDP = 3.3 V, Ambient Temperature -40 to +85
° C
Note 1: Switching occurs nominally at VDD/2.
Item
Rating
Supply Voltage, VDD (referenced to ground)
7 V
All Inputs and Outputs (referenced to ground)
-0.5 V to VDD+0.5 V
Storage Temperature
-65 to +150
° C
Soldering Temperature
260
° C
Ambient Operating Temperature (industrial)
-40 to +85°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Output Buffer Voltage
VDDP
2.375
VDD
V
Input High Voltage
VIH
XI/ICLK pin only, Note 1
(VDD/2)+1
V
Input Low Voltage
VIL
XI/ICLK pin only, Note 1
(VDD/2)-1
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage,
CMOS level
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Opertating Supply Current
IDD
No load, 125 MHz
9
20
mA
Short Circuit Current
IOS
Each output
±40
±60
mA
Input Capacitance
CIN
OE, select pins
5
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com