Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-11 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS650-11
Description  NETWORKING CLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-11 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS650-11 Datasheet HTML 1Page - Renesas Technology Corp ICS650-11 Datasheet HTML 2Page - Renesas Technology Corp ICS650-11 Datasheet HTML 3Page - Renesas Technology Corp ICS650-11 Datasheet HTML 4Page - Renesas Technology Corp ICS650-11 Datasheet HTML 5Page - Renesas Technology Corp ICS650-11 Datasheet HTML 6Page - Renesas Technology Corp ICS650-11 Datasheet HTML 7Page - Renesas Technology Corp ICS650-11 Datasheet HTML 8Page - Renesas Technology Corp ICS650-11 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS650-11
NETWORKING CLOCK SYNTHESIZER
SYNTHESIZERS
IDT® NETWORKING CLOCK SYNTHESIZER
2
ICS650-11
REV D 012313
Pin Assignment
Pin Descriptions
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
GND
Power
Connect to ground
2
X2
XO
Crystal connection. Connect to a 25MHz crystal or leave unconnected for a
clock input.
3
X1
XI
Crystal connection. Connect to a 25MHz fundamental crystal or clock input.
4
VDD
Power
Connect to +3.3V or +5V. Must be same as other VDDs.
5
GND
Power
Connect to ground
6
GND
Power
Connect to ground
7
DC
—
Don’t connect. Do not connect this pin to anything.
8
DC
—
Don’t connect. Do not connect this pin to anything.
9
DC
—
Don’t connect. Do not connect this pin to anything.
10
100M
Output
100.0MHz clock output.
11
GND
Power
Connect to ground
12
66.66M
Output
66.66MHz clock output.
13
25M
Output
25.0MHz clock output.
14
GND
Power
Connect to ground
15
VDD
Power
Connect to +3.3V or +5V. Must be same as other VDDs.
16
VDD
Power
Connect to +3.3V or +5V. Must be same as other VDDs.
17
33.33M
Output
33.33MHz clock output.
18
133.33M
Output
133.33MHz clock output.
19
DC
—
Don’t connect. Do not connect this pin to anything.
20
DC
—
Don’t connect. Do not connect this pin to anything.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com