Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-40A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS650-40A
Description  ETHERNET SWITCH CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-40A Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS650-40A Datasheet HTML 1Page - Renesas Technology Corp ICS650-40A Datasheet HTML 2Page - Renesas Technology Corp ICS650-40A Datasheet HTML 3Page - Renesas Technology Corp ICS650-40A Datasheet HTML 4Page - Renesas Technology Corp ICS650-40A Datasheet HTML 5Page - Renesas Technology Corp ICS650-40A Datasheet HTML 6Page - Renesas Technology Corp ICS650-40A Datasheet HTML 7Page - Renesas Technology Corp ICS650-40A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS650-40A
ETHERNET SWITCH CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ ETHERNET SWITCH CLOCK SOURCE
2
ICS650-40A
REV E 051310
Pin Assignment
Output Select Table (MHz)
Pin Descriptions
1
2
3
X2
4
VDD
5
6
7
8
VDDOA
GNDB
OE
GNDA
16
X1/ICLK
VDD
15
14
13
12
11
10
9
16-pin (173 mil) TSSOP
CLKA
CLKA
GNDA
S1
S0
GND
VDDOB
CLKB
S1
S0
CLKA
(MHz)
CLKA
(MHz)
CLKB
(MHz)
0
0
127
127
157
0
1
133
133
189
1
0
157
157
127
1
1
189
189
133
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
Input
Crystal or clock input. Connect to a 25 MHz crystal or single ended clock.
2
VDD
Power
Connect to +3.3 V.
3
GNDA
Power
Connect to ground.
4
VDDOA
Power
Connect to +2.5 V or +3.3 V. For CLKA outputs only.
5
CLKA
Output
Clock A output with weak pull-down resistor.
6
CLKA
Output
Clock A output with weak pull-down resistor.
7
GNDA
Power
Connect to ground.
8
S1
Input
Select pin 1.
9
S0
Input
Select pin 0.
10
GNDB
Power
Connect to ground.
11
CLKB
Output
Clock B output with weak pull-down resistor.
12
VDDOB
Power
Connect to +2.5 V or 3.3 V. For clock output B only.
13
GND
Power
Connect to ground.
14
OE
Input
Output enable tri-states outputs and device is not shut down. This input
has internal pull-up resistor. OE = 1 enables outputs A and B and OE=0
disables outputs A and B. When disabled the pull-down resistor pulls the
outputs to GND.
15
VDD
Power
Connect to +3.3 V.
16
X2
Output
Crystal connection. Leave unconnected for clock input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com