Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-41 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS650-41
Description  SPREAD SPECTRUM CLOCK SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-41 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS650-41 Datasheet HTML 1Page - Renesas Technology Corp ICS650-41 Datasheet HTML 2Page - Renesas Technology Corp ICS650-41 Datasheet HTML 3Page - Renesas Technology Corp ICS650-41 Datasheet HTML 4Page - Renesas Technology Corp ICS650-41 Datasheet HTML 5Page - Renesas Technology Corp ICS650-41 Datasheet HTML 6Page - Renesas Technology Corp ICS650-41 Datasheet HTML 7Page - Renesas Technology Corp ICS650-41 Datasheet HTML 8Page - Renesas Technology Corp ICS650-41 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ICS650-41
SPREAD SPECTRUM CLOCK SYNTHESIZER
CLOCK SYNTHESIZER
IDT™ / ICS™ SPREAD SPECTRUM CLOCK SYNTHESIZER
5
ICS650-41
REV G 102709
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, VDDO = 2.5 V ±5% , Ambient Temperature 0 to +85
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Supply Current
IDD
no load
27
mA
PDTS = 0, no load
40
uA
IDDO
no load
4
mA
PDTS = 0, no load
1
uA
Input High Voltage
VIH
FS3:0, PDTS, SS_EN
2
V
Input Low Voltage
VIL
FS3:0, PDTS, SS_EN
0.8
V
Input High Voltage
VIH
X1/CLKIN
0.7 x
VDD
V
Input Low Voltage
VIL
X1/CLKIN
0.3 x
VDD
V
Output High Voltage
VOH
IOH = -4 mA
1.8
V
Output Low Voltage
VOL
IOL = 4 mA
0.6
V
Short Circuit Current
IOS
±50
mA
Nominal Output
Impedance
ZO
20
Ω
Internal Pull-up Resistor
RPU
FS3:0, PDTS, SS_EN
360
k
Ω
Input Leakage Current
II
FS3:0, PDTS, SS_EN,
VIN=VDD
1uA
Internal Pull-down
Resistor
RPD
CLK outputs
900
k
Ω
Input Capacitance
CIN
Inputs
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com