Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1322B Datasheet(PDF) 5 Page - ams AG

Part # AS1322B
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1322B Datasheet(HTML) 5 Page - ams AG

  AS1322B Datasheet HTML 1Page - ams AG AS1322B Datasheet HTML 2Page - ams AG AS1322B Datasheet HTML 3Page - ams AG AS1322B Datasheet HTML 4Page - ams AG AS1322B Datasheet HTML 5Page - ams AG AS1322B Datasheet HTML 6Page - ams AG AS1322B Datasheet HTML 7Page - ams AG AS1322B Datasheet HTML 8Page - ams AG AS1322B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.austriamicrosystems.com
Revision 1.03
5 - 17
AS1322
austriamicrosystems
Data Sheet
Pin Descriptions
7 Typical Operating Characteristics
Figure 3. Powersave mode threshold vs. VIN,
Figure 4. Efficiency vs. Output Current,
VOUT = 3.0V
VOUT = 3.3V
Figure 5. Output Voltage vs. Temperature;
Figure 6. Output Voltage vs. Battery Voltage;
VOUT = 3.3V, IOUT = 10mA
VOUT = 3.3V, IOUT = 10mA
Figure 7. Startup Voltage vs. Output Current;
Figure 8. Output Current vs. Battery Voltage;
VOUT = 3.3V
VOUT = 3.3V, 3% Tolerance
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current (mA)
0
5
10
15
20
25
30
0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5
Battery Voltage (V)
VIN = 2.4V
VIN = 1.5V
VIN = 1.0V
0
0.5
1
1.5
2
2.5
3
3.5
00.5
11.5
22.5
33.5
Battery Voltage (V)
3.24
3.26
3.28
3.3
3.32
3.34
3.36
-50-25
0
25
50
75100
Temperature (°C)
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
Output Current (mA)
0
100
200
300
400
500
600
700
800
0.5
1
1.522.5
3
Battery Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com