Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV320D Datasheet(PDF) 13 Page - SPANSION

Part # AM29LV320D
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV320D Datasheet(HTML) 13 Page - SPANSION

Back Button AM29LV320D Datasheet HTML 9Page - SPANSION AM29LV320D Datasheet HTML 10Page - SPANSION AM29LV320D Datasheet HTML 11Page - SPANSION AM29LV320D Datasheet HTML 12Page - SPANSION AM29LV320D Datasheet HTML 13Page - SPANSION AM29LV320D Datasheet HTML 14Page - SPANSION AM29LV320D Datasheet HTML 15Page - SPANSION AM29LV320D Datasheet HTML 16Page - SPANSION AM29LV320D Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
November 15, 2004
Am29LV320D
13
Automatic Sleep Mode
The automatic sleep mode minimizes Flash de-
vice energy consumption. The device automati-
cally enables this mode when addresses remain
stable for tACC + 30 ns. The automatic sleep
mode is independent of the CE#, WE#, and
OE# control signals. Standard address access
timings provide new data when addresses are
changed. While in sleep mode, output data is
latched and always available to the system. ICC4
in the “DC Characteristics” on page 35 table
represents the automatic sleep mode current
specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method
of resetting the device to reading array data.
When the RESET# pin is driven low for at least
a period of tRP, the device immediately termi-
nates any operation in progress, tristates all
output pins, and ignores all read/write com-
mands for the duration of the RESET# pulse.
The device also resets the internal state ma-
chine to reading array data. The operation that
was interrupted should be reinitiated once the
device is ready to accept another command se-
quence, to ensure data integrity.
Current is reduced for the duration of the RE-
SET# pulse. When RESET# is held at VSS±0.3
V, the device draws CMOS standby current
(ICC4). If RESET# is held at VIL but not within
VSS±0.3 V, the standby current is greater.
The RESET# pin may be tied to the system
reset circuitry. A system reset would thus also
reset the Flash memory, enabling the system to
read the boot-up firmware from the Flash
memory.
If RESET# is asserted during a program or
erase operation, the RY/BY# pin remains a “0”
(busy) until the internal reset operation is com-
plete, which requires a time of tREADY (during
Embedded Algorithms). The system can thus
monitor RY/BY# to determine whether the
reset operation is complete. If RESET# is as-
serted when a program or erase operation is
not executing (RY/BY# pin is “1”), the reset op-
eration is completed within a time of tREADY (not
during Embedded Algorithms). The system can
read data tRH after the RESET# pin returns to
VIH.
Refer to the AC Characteristics tables for RE-
SET# parameters and to Figure 15, on page 39
for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the
device is disabled. The output pins are placed in
the high impedance state.
Table 2. Top Boot Sector Addresses (Am29LV320DT) (Sheet 1 of 2)
Sector
Sector Address
A20–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA0
000000xxx
64/32
000000h–00FFFFh
000000h–07FFFh
SA1
000001xxx
64/32
010000h–01FFFFh
008000h–0FFFFh
SA2
000010xxx
64/32
020000h–02FFFFh
010000h–17FFFh
SA3
000011xxx
64/32
030000h–03FFFFh
018000h–01FFFFh
SA4
000100xxx
64/32
040000h–04FFFFh
020000h–027FFFh
SA5
000101xxx
64/32
050000h–05FFFFh
028000h–02FFFFh
SA6
000110xxx
64/32
060000h–06FFFFh
030000h–037FFFh
SA7
000111xxx
64/32
070000h–07FFFFh
038000h–03FFFFh
SA8
001000xxx
64/32
080000h–08FFFFh
040000h–047FFFh
SA9
001001xxx
64/32
090000h–09FFFFh
048000h–04FFFFh
SA10
001010xxx
64/32
0A0000h–0AFFFFh
050000h–057FFFh
SA11
001011xxx
64/32
0B0000h–0BFFFFh
058000h–05FFFFh
SA12
001100xxx
64/32
0C0000h–0CFFFFh
060000h–067FFFh
SA13
001101xxx
64/32
0D0000h–0DFFFFh
068000h–06FFFFh
SA14
001110xxx
64/32
0E0000h–0EFFFFh
070000h–077FFFh
SA15
001111xxx
64/32
0F0000h–0FFFFFh
078000h–07FFFFh
SA16
010000xxx
64/32
100000h–10FFFFh
080000h–087FFFh
SA17
010001xxx
64/32
110000h–11FFFFh
088000h–08FFFFh
SA18
010010xxx
64/32
120000h–12FFFFh
090000h–097FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com