Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B37-R-05 Datasheet(PDF) 3 Page - Analog Devices

Part # 3B37-R-05
Description  Isolated, Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B37-R-05 Datasheet(HTML) 3 Page - Analog Devices

  3B37-R-05 Datasheet HTML 1Page - Analog Devices 3B37-R-05 Datasheet HTML 2Page - Analog Devices 3B37-R-05 Datasheet HTML 3Page - Analog Devices 3B37-R-05 Datasheet HTML 4Page - Analog Devices 3B37-R-05 Datasheet HTML 5Page - Analog Devices 3B37-R-05 Datasheet HTML 6Page - Analog Devices 3B37-R-05 Datasheet HTML 7Page - Analog Devices 3B37-R-05 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3B37
Rev. 0 | Page 3 of 8
3B37 Models Available
Model
Input Type
Input Range
Output Ranges1
3B37-X-00
Type J, K, T, E, R, S, or B
Externally Programmable 2
0 V to +10 V & 0 mA to 20 mA
3B37-J-01
Type J
-100°C to +100°C (-148°F to +1400°F)
0 V to +10 V & 0 mA to 20 mA
3B37-K-02
Type K
-100°C to +1350°C (-148°F to +2462°F)
0 V to +10 V & 0 mA to 20 mA
3B37-T-03
Type T
-100°C to +400°C (-148°F to +752°F)
0 V to +10 V & 0 mA to 20 mA
3B37-E-04
Type E
0°C to +900°C (+32°F to +1652°F)
0 V to +10 V & 0 mA to 20 mA
3B37-R-05
Type R
0°C to +1750°C (+32°F to +3182°F)
0 V to +10 V & 0 mA to 20 mA
3B37-S-05
Type S
0°C to +1750°C (+32°F to +3182°F)
0 V to +10 V & 0 mA to 20 mA
3B37-B-06
Type B
0°C to +1800°C (+32°F to +3272°F)
0 V to +10 V & 0 mA to 20 mA
3B37-Custom
Type J, K, T, E, R, S, or B
*
*
1 Output current range may be user programmed to 4 mA to 20 mA using jumper supplied.
2 Requires AC1310 ranging card.
* Custom Input/Output ranges are available. Refer to configuration guide.
3B37 Specifications
(typical @ +25°C and ±15 V dc, and +24 V dc Power)
Description
Model 3B37
Input Ranges
Standard Ranges
Refer to Model Table
Custom Ranges
±5 mV to ±500 mV
Output Ranges
Voltage (RL > 2 KΩ)
0 V to +10 V; -10 V to +10 V
Current (RL = 0 to 850Ω)
1
4 mA to 20 mA or 0 mA to 20 mA
Maximum Current Output Span
0 mA to 31 mA
Accuracy2
Initial @ +25°C
±0.1% Span + CJC Sensor Error
Nonlinearity
±0.01% Span
Stability vs. Temperature
Voltage Output
Zero
±0.02°C/°C
Span
±25 ppm of Reading/°C
Current Output3
Zero
±25 ppm of Span/°C
Span
±25 ppm of Reading/°C
Zero and Span Adjustment Range4
±5% of Span
Cold Junction Compensation (CJC)5
Initial Accuracy @ +25°C
±0.5 °C
Accuracy vs. Temperature, +5°C to +45°C
±0.5°C (±0.0125°C/°C)
Input Bias Current
+15 nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com