Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP5860CFDB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DXTP5860CFDB
Description  60V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP5860CFDB Datasheet(HTML) 2 Page - Diodes Incorporated

  DXTP5860CFDB Datasheet HTML 1Page - Diodes Incorporated DXTP5860CFDB Datasheet HTML 2Page - Diodes Incorporated DXTP5860CFDB Datasheet HTML 3Page - Diodes Incorporated DXTP5860CFDB Datasheet HTML 4Page - Diodes Incorporated DXTP5860CFDB Datasheet HTML 5Page - Diodes Incorporated DXTP5860CFDB Datasheet HTML 6Page - Diodes Incorporated DXTP5860CFDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DXTP5860CFDB
Document Number DS42253 Rev. 2 - 2
2 of 7
www.diodes.com
November 2019
© Diodes Incorporated
DXTP5860CFDB
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
Emitter-Base Voltage
VEBO
-7
Peak Pulse Current
ICM
-8
A
Continuous Collector Current
IC
-4
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
0.69
W
(Note 6)
1.25
Thermal Resistance, Junction to Ambient
(Note 5)
RJA
180
°C/W
(Note 6)
100
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 7)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
5. For a device mounted with the exposed collector on 5mm x 5mm 2oz copper on single sided FR4 PCB; device is measured under still air conditions
whilst operating in the steady state.
6. Same as Note (5) except the exposed collector pad is mounted on 25mm x 25mm 1oz copper.
7. Refer to JEDEC specification JESD22-A114 and JESD22-A115.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com