Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP5840CFDB Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DXTP5840CFDB
Description  40V PNP LOW SATURATION TRANSISTOR IN U-DFN2020-3
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP5840CFDB Datasheet(HTML) 4 Page - Diodes Incorporated

  DXTP5840CFDB Datasheet HTML 1Page - Diodes Incorporated DXTP5840CFDB Datasheet HTML 2Page - Diodes Incorporated DXTP5840CFDB Datasheet HTML 3Page - Diodes Incorporated DXTP5840CFDB Datasheet HTML 4Page - Diodes Incorporated DXTP5840CFDB Datasheet HTML 5Page - Diodes Incorporated DXTP5840CFDB Datasheet HTML 6Page - Diodes Incorporated DXTP5840CFDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DXTP5840CFDB
Document Number DS39773 Rev. 3 - 2
4 of 7
www.diodes.com
October 2019
© Diodes Incorporated
DXTP5840CFDB
Electrical Characteristics (@TA = +25°C, unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-40
—
—
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 8)
BVCEO
-40
—
—
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
—
—
V
IE = -100µA
Collector Cutoff Current
ICBO
—
—
-100
nA
VCB = -32V
Emitter Cutoff Current
IEBO
—
—
-100
nA
VEB = -7V
Collector Emitter Cutoff Current
ICES
—
—
-100
nA
VCES = -32V
Static Forward Current Transfer Ratio (Note 8)
hFE
250
400
—
—
IC = -10mA, VCE = -2V
240
350
—
IC = -500mA, VCE = -2V
220
330
—
IC = -1A, VCE = -2V
180
280
—
IC = -2A, VCE = -2V
150
240
—
IC = -3A, VCE = -2V
Collector-Emitter Saturation Voltage (Note 8)
VCE(sat)
—
-10
-15
mV
IC = -0.1A, IB = -10mA
—
-37
-80
IC = -1A, IB = -100mA
—
-100
-130
IC = -1A, IB = -10mA
—
-190
-230
IC = -2A, IB = -20mA
—
-310
-370
IC = -3A, IB = -30mA
—
-115
-260
IC = -4A, IB = -400mA
Base-Emitter Turn-On Voltage (Note 8)
VBE(on)
—
-0.8
-0.9
V
IC = -2A, VCE = -2V
Base-Emitter Saturation Voltage (Note 8)
VBE(sat)
—
-0.76
-0.9
V
IC = -1A, IB = -10mA
Output Capacitance
Cobo
—
65
—
pF
VCB = -3V, f = 1MHz
Transition Frequency
fT
—
135
—
MHz
VCE = -5V, IC = -100mA,
f = 100MHz
Delay Time
td
—
105
—
ns
VCC = -30V, IC = -750mA
IB1 = -IB2 = -15mA
Rise Time
tr
—
125
—
Turn-On Time
ton
—
230
—
Storage Time
ts
—
265
—
Fall Time
tf
—
95
—
Turn-Off Time
toff
—
360
—
Note:
8. Measured under pulse
d conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com