Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83231 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83231
Description  CRD Device (FDDI Clock Recovery Device)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83231 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP83231 Datasheet HTML 8Page - National Semiconductor (TI) DP83231 Datasheet HTML 9Page - National Semiconductor (TI) DP83231 Datasheet HTML 10Page - National Semiconductor (TI) DP83231 Datasheet HTML 11Page - National Semiconductor (TI) DP83231 Datasheet HTML 12Page - National Semiconductor (TI) DP83231 Datasheet HTML 13Page - National Semiconductor (TI) DP83231 Datasheet HTML 14Page - National Semiconductor (TI) DP83231 Datasheet HTML 15Page - National Semiconductor (TI) DP83231 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
50 Detailed Information (Continued)
54 DEBUG PROCEDURE
Evaluation of the DP83231 should begin by tying the CRD
EN and TEST EN pins low and confirming that the SDg
pins are above 2V This will disable the differential phase
comparator allowing the crystal resonator to run at its center
frequency and will keep the part out of a test mode The first
PLL (see
Figure 5-2 ) should be evaluated The variable ca-
pacitor in the crystal resonator circuitry should be tuned so
that the crystal resonator oscillates at 1041666 MHz If the
oscillator circuit fails to oscillate the voltage levels of the
OSC IN and OSC OUT pins should be examined The DC
voltage on these pins should be equal to approximately
VCC d 2 (with or without the crystal present) The capaci-
tors which form the oscillator tank circuit should be returned
to the isolated ground branch in close proximity After
checking the crystal frequency examine the RXCg output
and verify that this frequency is twelve times the crystal fre-
quency If this is not true then the VCO FLTR output should
be examined for possible PC board shorts opens or filter
instability The VCO FLTR pin should be stable at approxi-
mately a 15V DC level in operation
If the VCO FLTR pin is oscillating then the loop filter compo-
nents for this pin were either chosen inappropriately or were
placed in the incorrect position
Once it is known that the first PLL is working force CRD EN
high and input a constant 625 MHz g50 ppm (1T pattern)
data stream to the DATAg inputs (see
Figure 5-3 ) To see
how well the second loop is working examine the DIF AMP
pin If the incoming data rate is exactly 625 MHz and the
crystal resonator was accurately adjusted as described
above then the DIF AMP pin voltage should be stable at
approximately 225V
The voltage at this pin will vary
from the nominal value dependent on temperature and data
rate frequency error If this pin is oscillating then the OSC
FLTR pins are unstable and the filters should be examined
for possible PC board shorts opens or instability If the DIF
AMP pin is near ground then check to see if the ELB input is
selecting the correct data input If the DIF AMP pin contin-
ues to be near ground or VCC then the accuracy of the 625
MHz source should be examined to verify it is within the g3
KHz (50 PPM) FDDI system data rate specification
TLF10384 – 22
FIGURE 5-2 1st PLL
TLF10384 – 23
FIGURE 5-3 2nd PLL
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com