Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3T080B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3T080B
Description  TWO TERMINAL THYRISTOR SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3T080B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3T080B Datasheet HTML 1Page - List of Unclassifed Manufacturers 3T080B Datasheet HTML 2Page - List of Unclassifed Manufacturers 3T080B Datasheet HTML 3Page - List of Unclassifed Manufacturers 3T080B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA, U.S.A. 92253 Tel: 760-564-8656 • Fax: 760-564-2414
TWO TERMINAL THYRISTOR SERIES
SURFACE MOUNT AND AXIAL LEAD
TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
FEATURES
DEVICE SYMBOL
• UL94V-O Fammability Classification
• ESD Prootection >40 kilovolts
• Low Capacitance for T1/E1 Trunk
and Line card applications
• High Surgae Current Capability
(See Electrical Characteristics)
• Peak Off-State Voltage from 58 to 300 volts
• Meet IEC100-4-4 & 5 Industry Requirement
• Provides Protection in Accorfance with FCC
Part 68, UL1459, Bellcore 189, ITU-TK, 20 & k. 21
MECHANICAL DATA
MECHANICAL DATA
Case: JEDEC DO-15 Molded plastic
Case: JEDEC DO214AA. Molded plastic over glass
over glass passivated junction
passivated junction
Terminals: Solder plated axial leads,
Terminals: Solder plated, solderable per
solderable per MIL-STD-750, Method 2026
MIL-STD-750, Method 2026
Polarity: Color band denoted
Polarity: Color band denoted positive end (cathode)
positive end (cathode) except Bipolar
except Bidirectional
Mounting Position: Any
Standard Packaging: 12mm tape (EIA STD RS-481)
Weight: 0.015 ounces, 0.4 grams
Weight: 0.003 ounces, 0.093 grams)
8/6/2002


Similar Part No. - 3T080B

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
3T080B MDE-3T080B Datasheet
1Mb / 4P
SURFACE MOUNT AND AXIAL LEAD TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
More results

Similar Description - 3T080B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
Two-Terminal IC Temperature Transducer
9/03-Data Sheet Changed from REV. B to REV. C.
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
MDE Semiconductor, Inc.
3T064A MDE-3T064A Datasheet
1Mb / 4P
SURFACE MOUNT AND AXIAL LEAD TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
logo
MORNSUN Science& Techno...
TE5530AN MORNSUN-TE5530AN Datasheet
185Kb / 3P
two-terminal isolation
TE6650HN MORNSUN-TE6650HN Datasheet
1Mb / 6P
Two-terminal isolation
logo
IXYS Corporation
CLA15E1200NPB IXYS-CLA15E1200NPB Datasheet
172Kb / 5P
Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
CLA15E1200NPZ IXYS-CLA15E1200NPZ Datasheet
453Kb / 5P
Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
CLA30E1200NPZ IXYS-CLA30E1200NPZ Datasheet
465Kb / 5P
Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
CLA40E1200NPZ IXYS-CLA40E1200NPZ Datasheet
461Kb / 5P
Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
logo
Nell Semiconductor Co.,...
NK100TA NELLSEMI-NK100TA Datasheet
791Kb / 5P
Two Separated Thyristor Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com