Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2129S/T Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2129S/T
Description  LVD SCSI 27-Line Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2129S/T Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2129S/T Datasheet HTML 1Page - Dallas Semiconductor DS2129S/T Datasheet HTML 2Page - Dallas Semiconductor DS2129S/T Datasheet HTML 3Page - Dallas Semiconductor DS2129S/T Datasheet HTML 4Page - Dallas Semiconductor DS2129S/T Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LVD SCSI 27-Line Regulator
4
_____________________________________________________________________
Detailed Description
The DS2129 provides three regulated outputs. The
REG1 provides a 1.75V output, and the REG2 provides
a 0.75V output. Both regulators can sink and source
200mA of current. These regulators are current-limited
to less than 700mA. The thermal-shutdown circuit dis-
ables the output buffers should the die temperature
exceed +150°C. With a pi network of resistors (475
Ω,
121
Ω, 475Ω) connected to these two outputs, the
DS2129 provides common-mode bias, differential bias,
and common impedance and differential impedance,
as required in a terminator specified in SPI-2 and SPI-3
standards for a SCSI system. The third regulator pro-
vides a 1.3V output for DIFFSENSE signaling.
Chip Information
TRANSISTOR COUNT: 3778 CMOS and 80 BIPOLAR
PROCESS: BiCMOS
SUBSTRATE CONNECTED TO GROUND
Thermal Information
Thermal Resistance (junction-to-ambient):
θJA = +77°C/W
Thermal Resistance (junction-to-case):
θJC = +25°C/W
Pin Description
PIN
NAME
FUNCTION
1, 8, 9,
10, 15,
16
N.C.
No Connection. Do not connect pins.
2
TERMPWR
Termination Power. Connect to SCSI
TERMPWR line and decouple with a
4.7µF ceramic capacitor.
3
REG2
Regulator 2, 0.75V Output. Decouple
with a 4.7µF ceramic capacitor.
4
GND
Signal Ground
5, 11–14
HS_GND
Heat-Sink Ground. Internally
connected to the mounting pad.
Should be connected to ground.
6
REG1
Regulator 1, 1.75V Output. Decouple
with a 4.7µF ceramic capacitor.
7
DIFFSENSE
DIFFSENSE Output. Drives the SCSI
bus DIFFSENSE line.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com