Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV320DB90EC Datasheet(PDF) 21 Page - SPANSION

Part # AM29LV320DB90EC
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV320DB90EC Datasheet(HTML) 21 Page - SPANSION

Back Button AM29LV320DB90EC Datasheet HTML 17Page - SPANSION AM29LV320DB90EC Datasheet HTML 18Page - SPANSION AM29LV320DB90EC Datasheet HTML 19Page - SPANSION AM29LV320DB90EC Datasheet HTML 20Page - SPANSION AM29LV320DB90EC Datasheet HTML 21Page - SPANSION AM29LV320DB90EC Datasheet HTML 22Page - SPANSION AM29LV320DB90EC Datasheet HTML 23Page - SPANSION AM29LV320DB90EC Datasheet HTML 24Page - SPANSION AM29LV320DB90EC Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
November 15, 2004
Am29LV320D
21
Once the SecSi Sector is locked and verified,
the system must write the Exit SecSi Sector
Region command sequence to return to reading
and writing the remainder of the array.
The SecSi Sector protection must be used with
caution since, once protected, there is no pro-
cedure available for unprotecting the SecSi
Sector area and none of the bits in the SecSi
Sector memory space can be modified in any
way.
Figure 3. SecSi Sector Protect Verify
Hardware Data Protection
The command sequence requirement of unlock
cycles for programming or erasing provides
data protection against inadvertent writes (re-
fer to Table 14, on page 29 for command defi-
nitions). In addition, the following hardware
data protection measures prevent accidental
erasure or programming, which might other-
wise be caused by spurious system level signals
during VCC power-up and power-down transi-
tions, or from system noise.
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not
accept any write cycles. This protects data dur-
ing VCC power-up and power-down. The com-
mand register and all internal program/erase
circuits are disabled, and the device resets to
the read mode. Subsequent writes are ignored
until VCC is greater than VLKO. The system must
provide the proper signals to the control pins to
prevent unintentional writes when VCC is
greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#,
CE# or WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of
OE# = VIL, CE# = VIH or WE# = VIH. To initiate
a write cycle, CE# and WE# must be a logical
zero while OE# is a logical one.
Power-Up Write Inhibit
If WE# = CE# = VIL and OE# = VIH during
power up, the device does not accept com-
mands on the rising edge of WE#. The internal
state machine is automatically reset to the read
mode on power-up.
COMMON FLASH MEMORY
INTERFACE (CFI)
The Common Flash Interface (CFI) specification
outlines device and host system software inter-
rogation handshake, which allows specific ven-
dor-specified software algorithms to be used
for entire families of devices. Software support
can then be device-independent, JEDEC ID-in-
dependent, and forward- and backward-com-
patible for the specified flash device families.
Flash vendors can standardize their existing in-
terfaces for long-term compatibility.
This device enters the CFI Query mode when
the system writes the CFI Query command,
98h, to address 55h in word mode (or address
AAh in byte mode), any time the device is
ready to read array data. The system can read
CFI information at the addresses given in
Table 9, on page 22 through Table 12, on
page 24. To terminate reading CFI data, the
system must write the reset command.
The system can also write the CFI query com-
mand when the device is in the autoselect
mode. The device enters the CFI query mode,
and the system can read CFI data at the ad-
dresses given in Table 9, on page 22 through
Table 12, on page 24. The system must write
the reset command to return the device to the
reading array data.
For further information, please refer to the CFI
Specification and CFI Publication 100, available
v i a
the
Wo rld
W i de
We b
a t
http://www.amd.com/flash/cfi. Alternatively,
contact an AMD representative for copies of
these documents.
Write 60h to
any address
Write 40h to SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
START
RESET# =
VIH or VID
Wait 1
µs
Read from SecSi
Sector address
with A6 = 0,
A1 = 1, A0 = 0
If data = 00h,
SecSi Sector is
unprotected.
If data = 01h,
SecSi Sector is
protected.
Remove VIH or VID
from RESET#
Write reset
command
SecSi Sector
Protect Verify
complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com