Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC74BQ Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74ALVC74BQ
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC74BQ Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74ALVC74BQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC74BQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC74BQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC74BQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC74BQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC74BQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC74BQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVC74BQ Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVC74BQ Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
74ALVC74
Dual D-type flip-flop with set and reset; positive-edge trigger
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit
VI = VIH or VIL
VCC = 1.65 V to 3.6 V; IO = 100 μA
-
-
0.2
V
VCC = 1.65 V; IO = 6 mA
-
0.11
0.3
V
VCC = 2.3 V; IO = 12 mA
-
0.17
0.4
V
VCC = 2.3 V; IO = 18 mA
-
0.25
0.6
V
VCC = 2.7 V; IO = 12 mA
-
0.16
0.4
V
VCC = 3.0 V; IO = 18 mA
-
0.23
0.4
V
VOL
LOW-level output
voltage
VCC = 3.0 V; IO = 24 mA
-
0.30
0.55
V
II
input leakage current
VCC = 3.6 V; VI = VCC or GND
-
±0.1
±5
μA
IOFF
power-off leakage
current
VCC = GND; VI or VO = 3.6 V
-
±0.1
±10
μA
ICC
supply current
VCC = 3.6 V; VI = VCC or GND; IO = 0 A
-
0.2
10
μA
ΔICC
additional supply
current
VCC = 3.0 V to 3.6 V; VI = VCC – 0.6 V;
IO = 0 A
-
5
750
μA
CI
input capacitance
-
3.5
-
pF
[1] Typical values are measured at Tamb = 25 °C.
10. Dynamic characteristics
Table 7. Dynamic characteristics
GND (ground = 0 V): for test circuit, see Fig. 10
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
nCP to nQ, nQ; see Fig. 8
[2]
VCC = 1.65 to 1.95 V
1.0
3.7
6.2
ns
VCC = 2.3 to 2.7 V
1.0
2.6
4.2
ns
VCC = 2.7 V
1.0
2.8
4.2
ns
VCC = 3.0 V to 3.6 V
1.0
2.7
3.8
ns
nSD to nQ, nQ; see Fig. 9
VCC = 1.65 to 1.95 V
1.0
3.4
5.4
ns
VCC = 2.3 to 2.7 V
1.0
2.4
3.8
ns
VCC = 2.7 V
1.0
3.2
4.2
ns
VCC = 3.0 V to 3.6 V
1.0
2.3
3.5
ns
nRD to nQ, nQ; see Fig. 9
VCC = 1.65 to 1.95 V
1.0
3.5
5.4
ns
VCC = 2.3 to 2.7 V
1.0
2.5
3.8
ns
VCC = 2.7 V
1.0
3.1
4.3
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.0
2.3
3.5
ns
74ALVC74
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 27 July 2021
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com