Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KST221GLFG Datasheet(PDF) 1 Page - ITT Industries

Part # KST221GLFG
Description  Long Travel Tact Switch for SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KST221GLFG Datasheet(HTML) 1 Page - ITT Industries

  KST221GLFG Datasheet HTML 1Page - ITT Industries KST221GLFG Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.ittcannon.com
B–28
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
KST Series
Long Travel Tact Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local ITT representative.
Packaging
Switches are delivered on continuous tape and reels of 1,000 pieces,
330 (12.992) external diameter. Other dimensions according to
EIA-RS-481 standard.
Specification
FUNCTION: Momentary
CONTACT ARRANGEMENT: 1 make contact = SPST N.O.
TERMINALS: J Bend or Gullwing type for SMT
Mechanical
MAXIMUM APPLIED FORCE: 40 N (400 grams)
Electrical
Silver
Gold
SWITCHING POWER MAX.:
1.0 VA
0.50 VA
MAXIMUM POWER:
0.2 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
10 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): > 250 V
CONTACT RESISTANCE: <100m
Ω
INSULATION RESISTANCE: <109
Ω
BOUNCE TIME: < 1 ms
Environmental
OPERATING TEMPERATURE: -40˚C to +85˚C
STORAGE TEMPERATURE: -40˚C to +85˚C
Process
Compatible with the lead free soldering profile.
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Features/Benefits
• Rubber actuator
• Silver contact material
• J or G terminals
• Compatible with pick and place
machines
• IP 40 sealed
• RoHS compliant and compatible
Typical Applications
• Front panel
• Car dashboards
• Telephone set
• Instrumentation
Operating force
Operating life
Travel to
Type
Fa N (grams)±30%
(operations)
make
KST221G / J
2 (200)
100,000
1,3+0,3/-0.2
KST241G / J
3.5 (350)
100,000
1,3+0,3/-0.2
Actuator
2 Soft, 5 mm
Actuation Force
2 2 N (200 grams)
4 3.5 N (350 grams)
K
S
T
2
G
Contact Material
1 Silver
3 Gold
Termination
G Gullwing
J J Bend
LFS RoHS compliant and compatible. Silver plated.
LFG RoHS compliant and compatible. Gold plated.


Similar Part No. - KST221GLFG

ManufacturerPart #DatasheetDescription
logo
C&K Components
KST221GLFS CK-COMPONENTS-KST221GLFS Datasheet
180Kb / 2P
Long Travel Tact Switch for SMT
More results

Similar Description - KST221GLFG

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSR ITT-KSR Datasheet
68Kb / 3P
Subminiature Tact Switch for SMT
logo
GREATECS
TP36 GREATECS-TP36 Datasheet
134Kb / 1P
Long Travel SMT Tactile Switches
logo
C&K Components
KST CK-COMPONENTS-KST Datasheet
180Kb / 2P
Long Travel Tact Switch for SMT
KSR211GLFS CK-COMPONENTS-KSR211GLFS Datasheet
357Kb / 2P
Subminiature Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
logo
ITT Industries
KMR241GLFS ITT-KMR241GLFS Datasheet
167Kb / 2P
Microminiature Tact Switch for SMT
logo
C&K Components
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC-SLT CK-COMPONENTS-KSC-SLT Datasheet
331Kb / 2P
Long Travel Tact Switch
20 Apr 21
KST CK-COMPONENTS-KST_V01 Datasheet
301Kb / 2P
Long Travel Tact Switch for SMT
14 nov 17
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
Mid-Travel, Soft Sound Tact Switch
1 Dec 20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com