Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F365SCQB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F365SCQB
Description  Hex Buffer/Driver with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F365SCQB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F365SCQB Datasheet HTML 1Page - National Semiconductor (TI) 74F365SCQB Datasheet HTML 2Page - National Semiconductor (TI) 74F365SCQB Datasheet HTML 3Page - National Semiconductor (TI) 74F365SCQB Datasheet HTML 4Page - National Semiconductor (TI) 74F365SCQB Datasheet HTML 5Page - National Semiconductor (TI) 74F365SCQB Datasheet HTML 6Page - National Semiconductor (TI) 74F365SCQB Datasheet HTML 7Page - National Semiconductor (TI) 74F365SCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
OE1 OE2
Output Enable Input
100033
20 mA20 mA
(Active LOW)
In
Inputs
100033
20 mA20 mA
On
Outputs
6001066 (80)
b
12 mA64 mA (48 mA)
Function Table
Inputs
Output
OE1
OE2
IO
LL
L
L
LL
H
H
XH
X
Z
HX
X
Z
L e LOW Voltage Level
H e HIGH Voltage Level
X e Immaterial
Z e High Impedance
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com