Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2052M Datasheet(PDF) 2 Page - G.M. International

Part # D2052M
Description  Relay Output Repeater DIN-Rail Model D2052M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D2052M Datasheet(HTML) 2 Page - G.M. International

  D2052M Datasheet HTML 1Page - G.M. International D2052M Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Function Diagram:
Image:
G.M. International DTS0124-4 Page 2/2
Relay Output Repeater
D2052M
Repeater
Flat Cable
Connector
10 poles
NO
Common
Relay Output
Repeater
Flat Cable
Connector
10 poles
NC
24 Vdc Supply
+
-
SAFE AREA/NON HAZARDOUS LOCATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com