Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5030 Datasheet(PDF) 1 Page - G.M. International

Part # D5030
Description  I.S. SIL3 Switch/Proximity Relay-Out Repeater
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D5030 Datasheet(HTML) 1 Page - G.M. International

  D5030 Datasheet HTML 1Page - G.M. International D5030 Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.gminternational.com
D5030
I.S. SIL3 Switch/Proximity Relay-Out Repeater
Intrinsically Safe Isolators > Digital Input
ORDERING INFORMATION
Ordering codes
D5030S: 1 channel
D5030D: 2 channels
Accessories
Bus Connector JDFT049, Bus Mounting Kit OPT5096.
TECHNICAL DATA
SIL 3 / SC 3
Input from Zone 0/Div. 1
Installation in Zone 2/Div. 2
2 fully independent channels
High voltage/current rating relay output
Field open and short circuit detection
In-field programmability by DIP Switch
Three port isolation, Input/Output/Supply
High Density, two channels per unit
The Switch/Proximity Detector Repeater D5030 is a module suitable
for applications requiring SIL 3 level in safety related systems for
high risk industries. The unit can be configured for switches or
proximity detectors, located in Hazardous Area, and repeats the input
state to a relay contact in Safe Area. The selectable fault detection
circuit is available for proximity sensors or switches equipped with
end of line resistors. In the double-channel model, the second output
can be configured to repeat the second input, to duplicate the first
input or to report the first input fault. If needed, the output can also be
inverted.
FEATURES
Supply
24 Vdc nom (18 to 30 Vdc), reverse polarity protected.
Current consumption: 35 mA (D5030D), 18 mA (D5030S), @ 24 Vdc with
short circuit input and relay energized, typical.
Power dissipation: 0.85 W (D5030D), 0.45 W (D5030S), @ 24 Vdc with
short circuit input and relay energized, typical.
Input
Input switching current levels: ON ≥ 2.1 mA, OFF ≤ 1.2 mA.
Fault current levels: open fault ≤ 0.2 mA, short fault ≥ 6.8 mA.
Input equivalent source: 8 V 1 kΩ typical (8 V no load, 8 mA short).
Output
Voltage free SPST (D5030D) or SPDT (D5030S) relay contact.
Contact material: Ag Alloy (Cd free), gold plated.
Contact rating: 4 A 250 Vac 1000 VA, 4 A 250 Vdc 120 W (resistive load).
Contact min. switching current: 1 mA.
DC and AC load breaking capacity: refer to Instruction Manual.
Mechanical / electrical life: 5 * 10⁶ / 3 * 10⁴ operation, typical.
Operate / release time: 8 / 4 ms, typical.
Frequency response: 10 Hz maximum.
Isolation
I.S. In/Out 2.5 kV; I.S. In/Supply 2.5 kV; I.S. In/ I.S In 500 V; Out/Supply 2.5
kV; Out/Out 2.5 kV.
Environmental conditions
Operating temperature: temperature limits –40 to +70 °C.
Storage temperature: temperature limits –45 to +80 °C.
Safety description
Associated apparatus and non-sparking electrical equipment.
Uo = 10.5 V, Io = 22 mA, Po = 56 mW at terminals 7-8, 9-10.
Um = 250 Vrms or Vdc, -40 °C ≤ Ta ≤ 70 °C.
Mounting
DIN-Rail 35 mm, with or without Power Bus.
Weight: about 140 g (D5030D), 120 g (D5030S).
Connection: by polarized plug-in disconnect screw terminal blocks to
accommodate terminations up to 2.5 mm² (13 AWG).
Dimensions: Width 12.5 mm, Depth 123 mm, Height 120 mm.
OVERALL DIMENSIONS
Functional Safety Management Certification:
GM International is certified to conform to IEC61508:2010 part 1 clauses 5-6 for safety related systems up to and included SIL3. In addition, GM International products have been granted I.S.
certificates from the most credited Notified Bodies in the world.
Data specified in this document are merely descriptive of the products and should be integrated with relevant technical specifications. Our products are in constant development and the information
presented herein refers to the time of document issue. No statements concerning a certain condition or suitability for a certain application can be derived from our information. The information given does not
release the user from the obligation of own judgment and verification. Terms & Conditions can be found at our website. For more information refer to istruction manual.
DTS0282-14
© G.M. International s.r.l.
Page 1/2


Similar Part No. - D5030

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D5030UK SEME-LAB-D5030UK Datasheet
105Kb / 5P
ROHS COMPLIANT METAL GATE RF SILICON FET
More results

Similar Description - D5030

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5031 GMI-D5031 Datasheet
198Kb / 2P
I.S. SIL3 Switch/Proximity Transistor-Out Repeater
D5032 GMI-D5032 Datasheet
186Kb / 2P
I.S. SIL3 Switch/Proximity Relay-Out Repeater
D5036 GMI-D5036 Datasheet
169Kb / 2P
I.S. SIL2 Switch/Proximity Relay-Out Repeater
D5037 GMI-D5037 Datasheet
171Kb / 2P
I.S. SIL2 Switch/Proximity Transistor-Out Repeater
D5038 GMI-D5038 Datasheet
201Kb / 2P
I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5231 GMI-D5231 Datasheet
172Kb / 2P
I.S. SIL2 Switch/Proximity O.C.-Out Repeater
D6030 GMI-D6030 Datasheet
190Kb / 2P
SIL3 Switch/Proximity Relay-Out Repeater
D6031 GMI-D6031 Datasheet
194Kb / 2P
SIL3 Switch/Proximity Transistor-Out Repeater
D6032 GMI-D6032 Datasheet
182Kb / 2P
SIL3 Switch/Proximity Relay-Out Repeater
D6036 GMI-D6036 Datasheet
165Kb / 2P
SIL2 Switch/Proximity Relay-Out Repeater
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com