Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5038SD Datasheet(PDF) 1 Page - G.M. International

Part # D5038SD
Description  I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D5038SD Datasheet(HTML) 1 Page - G.M. International

  D5038SD Datasheet HTML 1Page - G.M. International D5038SD Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.gminternational.com
D5038
I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
Intrinsically Safe Isolators > Digital Input
ORDERING INFORMATION
Ordering codes
D5038xy
x: S → 1 channel; D → 2 channels; X → duplicator
y: A → RL = 2.2 kΩ, RH = 14.3 kΩ; B → RL = 476 Ω, RH = 1.38 kΩ
C → RL = 5 kΩ, RH = 15 kΩ; D → RL = 0 Ω, RH = 33.2 kΩ
Accessories
Bus Connector JDFT049, Bus Mounting Kit OPT5096.
TECHNICAL DATA
SIL 3 / SC 3
Input from Zone 0/Div. 1
Installation in Zone 2/Div. 2
Field open and short circuit detection
Field fault universal mirroring to PLC DI
Line monitoring transparency
In-field programmability by DIP Switch
Three port isolation, Input/Output/Supply
High Density, two channels per unit
The Switch/Proximity Detector Repeater D5038 is a module suitable
for applications requiring SIL 3 level in safety related systems for
high risk industries. The unit can be configured for switches or
proximity detectors, located in Hazardous Area, and repeats the input
state to the output in Safe Area. The output port can assume two
different impedance values (RL or RH) or it can open completely.
The module output repeats the input state according to the following
correspondence: low input state -> RL, high input state -> RH.
Alternatively, the output can be configured to invert the input state. In
both cases, the output opens if any fault (open or short circuit) occurs
at the corresponding input.
FEATURES
Supply
24 Vdc nom (18 to 30 Vdc), reverse polarity protected.
Current consumption: 30 mA (D5038D), 25 mA (D5038X), 15 mA
(D5038S), @ 24 Vdc, typical.
Power dissipation: 1.0 W (D5038D), 1.0 W (D5038X), 0.4 W (D5038S),
@ 24 Vdc, typical.
Input
Input switching current levels: ON ≥ 2.1 mA, OFF ≤ 1.2 mA.
Open fault: current ≤ 0.05 mA.
Short fault: resistance ≤ 100 Ω.
No fault: current ≥ 0.35 mA and resistance ≥ 360 Ω.
Input equivalent source: 8 V 1 kΩ typical (8 V no load, 8 mA short).
Output
Voltage free SPST solid-state relays, with series (RL) and parallel (RH-RL)
resistances, ±5% tolerance.
Fault impedance: > 1 MΩ.
Max voltage: 30 Vdc.
Max current: 15 mA.
Response time: 500 µs.
Frequency response: 1 kHz maximum.
Isolation
I.S. In/Out 1.5 kV; I.S. In/Supply 1.5 kV; I.S. In/ I.S In 500 V; Out/Supply
500 V; Out/Out 500 V.
Environmental conditions
Operating temperature: temperature limits –40 to +70 °C.
Storage temperature: temperature limits –45 to +80 °C.
Safety description
Associated apparatus and non-sparking electrical equipment.
Uo = 10.5 V, Io = 22 mA, Po = 56 mW at terminals 7-8, 9-10.
Um = 250 Vrms or Vdc, -40 °C ≤ Ta ≤ 70 °C.
Mounting
DIN-Rail 35 mm, with or without Power Bus or on custom Term. Board.
Weight: about 135 g (D5038D and D5038X), 120 g (D5038S).
Connection: by polarized plug-in disconnect screw terminal blocks to
accommodate terminations up to 2.5 mm² (13 AWG).
Dimensions: Width 12.5 mm, Depth 123 mm, Height 120 mm.
OVERALL DIMENSIONS
Functional Safety Management Certification:
GM International is certified to conform to IEC61508:2010 part 1 clauses 5-6 for safety related systems up to and included SIL3. In addition, GM International products have been granted I.S.
certificates from the most credited Notified Bodies in the world.
Data specified in this document are merely descriptive of the products and should be integrated with relevant technical specifications. Our products are in constant development and the information
presented herein refers to the time of document issue. No statements concerning a certain condition or suitability for a certain application can be derived from our information. The information given does not
release the user from the obligation of own judgment and verification. Terms & Conditions can be found at our website. For more information refer to istruction manual.
DTS0827-8
© G.M. International s.r.l.
Page 1/2


Similar Part No. - D5038SD

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
D5038 JSMC-D5038 Datasheet
151Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5038 FOR LOW FREQUENCY
More results

Similar Description - D5038SD

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5030 GMI-D5030 Datasheet
193Kb / 2P
I.S. SIL3 Switch/Proximity Relay-Out Repeater
D5031 GMI-D5031 Datasheet
198Kb / 2P
I.S. SIL3 Switch/Proximity Transistor-Out Repeater
D5032 GMI-D5032 Datasheet
186Kb / 2P
I.S. SIL3 Switch/Proximity Relay-Out Repeater
D5034 GMI-D5034 Datasheet
174Kb / 2P
I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5039 GMI-D5039 Datasheet
201Kb / 2P
I.S. SIL2 Line-Fault Transp. Switch/Prox. Repeater
D6030 GMI-D6030 Datasheet
190Kb / 2P
SIL3 Switch/Proximity Relay-Out Repeater
D6031 GMI-D6031 Datasheet
194Kb / 2P
SIL3 Switch/Proximity Transistor-Out Repeater
D6034 GMI-D6034 Datasheet
171Kb / 2P
SIL3 Line-Fault Transp. Switch/Prox. Repeater
D6038 GMI-D6038 Datasheet
198Kb / 2P
SIL3 Line-Fault Transp. Switch/Prox. Repeater
D6039 GMI-D6039 Datasheet
197Kb / 2P
SIL2 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com