Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFR93AT
Description  NPN 5 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR93AT Datasheet(HTML) 2 Page - NXP Semiconductors

  BFR93AT Datasheet HTML 1Page - NXP Semiconductors BFR93AT Datasheet HTML 2Page - NXP Semiconductors BFR93AT Datasheet HTML 3Page - NXP Semiconductors BFR93AT Datasheet HTML 4Page - NXP Semiconductors BFR93AT Datasheet HTML 5Page - NXP Semiconductors BFR93AT Datasheet HTML 6Page - NXP Semiconductors BFR93AT Datasheet HTML 7Page - NXP Semiconductors BFR93AT Datasheet HTML 8Page - NXP Semiconductors BFR93AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 Mar 09
2
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR93AT
FEATURES
• High power gain
• Gold metallization ensures
excellent reliability
• SOT416 (SC-75) package.
APPLICATIONS
Designed for use in RF amplifiers,
mixers and oscillators with signal
frequencies up to 1 GHz.
DESCRIPTION
Silicon NPN transistor encapsulated
in a plastic SOT416 (SC-75) package.
The BFR93AT uses the same die as
the SOT23 version: BFR93A.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
fpage
12
3
MBK090
Top view
Marking code: R2.
Fig.1 SOT416.
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
15
V
VCEO
collector-emitter voltage
open base
−−
12
V
IC
collector current (DC)
−−
35
mA
Ptot
total power dissipation
Ts ≤ 75 °C; note 1
−−
150
mW
hFE
DC current gain
IC = 30 mA; VCE =5V
40
90
−
Cre
feedback capacitance
IC = 0; VCE = 5 V; f = 1 MHz;
Tamb =25 °C
−
0.6
−
pF
fT
transition frequency
IC = 30 mA; VCE = 5 V; f = 500 MHz
4
5
−
GHz
GUM
maximum unilateral power gain
IC = 30 mA; VCE =8V; Tamb =25 °C;
f = 1 GHz
−
13
−
dB
f = 2 GHz
−
8
−
dB
F
noise figure
IC = 5 mA; VCE = 8 V; f = 1 GHz;
Γs = Γopt
−
1.5
−
dB
Tj
junction temperature
−−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com