Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392AAREZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8392AAREZ-R7
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392AAREZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8392AAREZ-R7 Datasheet HTML 1Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 2Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 3Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 4Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 5Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 6Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 7Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 8Page - Analog Devices AD8392AAREZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD8392A
Rev. 0 | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
900
450
15
21
OUTPUT POWER (dBm)
850
800
750
700
650
600
550
500
16
17
18
19
20
PD (1, 0)
PD (0, 0)
PD (0, 1)
Figure 4. Power Consumption vs. Output Power (138 kHz to 2.2 MHz),
ADSL/ADSL2+ Circuit (Figure 15), VS = ±12 V, RLOAD = 100 Ω, CF = 5.5
15
–20
10k
1G
FREQUENCY (Hz)
100k
1M
10M
100M
10
5
0
–5
–10
–15
PD (0, 1)
PD (0, 0)
PD (1, 0)
Figure 5. Small Signal Frequency Response
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 100 mV p-p, RF = 2 kΩ
15
–20
10k
1G
FREQUENCY (Hz)
100k
1M
10M
100M
10
5
0
–5
–10
–15
PD (0, 0)
PD (0, 1)
PD (1, 0)
Figure 6. Large Signal Frequency Response
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 4 V p-p, RF = 2 kΩ
0
–120
100k
1G
FREQUENCY (Hz)
1M
10M
100M
–20
–40
–60
–80
–100
Figure 7. Signal Feedthrough vs. Frequency
VS = ±12 V, G = +5, VIN = 800 mV p-p, PD (1, 1), RF = 2 kΩ
CH1 500mV CH2 500mV
100ns
1
2
Figure 8. Power-Up Time: PD (1, 1) to PD (0, 0)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 1 V p-p, RF = 2 kΩ
CH1 500mV CH2 500mV
400ns
1
2
Figure 9. Power-Down Time: PD (0, 0) to PD (1, 1)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 1 V p-p, RF = 2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com