Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFS17A
Description  NPN 3 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS17A Datasheet(HTML) 2 Page - NXP Semiconductors

  BFS17A Datasheet HTML 1Page - NXP Semiconductors BFS17A Datasheet HTML 2Page - NXP Semiconductors BFS17A Datasheet HTML 3Page - NXP Semiconductors BFS17A Datasheet HTML 4Page - NXP Semiconductors BFS17A Datasheet HTML 5Page - NXP Semiconductors BFS17A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
September1995
2
Philips Semiconductors
Product specification
NPN 3 GHz wideband transistor
BFS17A
DESCRIPTION
NPN transistor in a plastic SOT23 package.
APPLICATIONS
• It is intended for RF applications such as oscillators
in TV tuners.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 SOT23.
Marking code: E2p.
handbook, halfpage
MSB003
Top view
12
3
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note to the Quick reference data and the Limiting values
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
25
V
VCEO
collector-emitter voltage
open base
−
15
V
IC
DC collector current
−
25
mA
Ptot
total power dissipation
up to Ts =70 °C; note 1
−
300
mW
fT
transition frequency
IC = 25 mA; VCE = 5 V; f = 500 MHz;
Tamb =25 °C
2.8
−
GHz
GUM
maximum unilateral power gain
IC = 14 mA; VCE = 10 V; f = 800 MHz
13.5
−
dB
F
noise figure
IC = 2 mA; VCE = 5 V; f = 800 MHz;
Tamb =25 °C
2.5
−
dB
VO
output voltage
dim = −60 dB; IC = 14 mA; VCE =10V;
RL =75 Ω; Tamb =25 °C;
f(p+q−r) = 793.25 MHz
150
−
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
25
V
VCEO
collector-emitter voltage
open base
−
15
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
DC collector current
−
25
mA
ICM
peak collector current
−
50
mA
Ptot
total power dissipation
up to Ts =70 °C; note 1
−
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com