Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS002 Datasheet(PDF) 1 Page - ITT Industries

Part # MDS002
Description  Micro Snap-acting Detect Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDS002 Datasheet(HTML) 1 Page - ITT Industries

  MDS002 Datasheet HTML 1Page - ITT Industries MDS002 Datasheet HTML 2Page - ITT Industries MDS002 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.276
(7,0)
OP. POS.
F
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
F-14
MDS Series
Micro Snap-acting Detect Switches
Features/Benefits
• Snap-acting tactile feel
• Small package size
• Available in vertical or
right angle PCB mount
• Long total travel of 2,9 mm
• RoHS compliant
Typical Applications
• Detect the presence of
a mechanical device
• Medical devices
• Consumer electronic
devices
Specifications
CONTACT RATING: 0.3A @ 6 VDC.
MECHANICAL & ELECTRICAL LIFE: 10,000 operations.
CONTACT RESISTANCE: 200 m
Ω max.
OPERATING TEMPERATURE: –25ºC to +70ºC.
SOLDERABILITY: Wave solder, no wash.
PACKAGING: Bulk.
Materials
HOUSING & BASE: P.P.S.
ACTUATOR: Nylon 4/6
MOVABLE CONTACT: Copper alloy, tin & silver plated.
STATIONARY CONTACTS: Copper alloy, silver plated.
TERMINALS: Copper alloy, tin plated.
NOTE: MDS series is RoHS compliant, but not compatible. See technical data section of
this catalog for RoHS compliant and compatible definitions and specifications.
NOTE: For the latest information regarding RoHS compliance, please go
to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
How To Order
Complete part numbers for MDS Series Switches are shown below.
PC MOUNTING
DESCRIPTION
PART NUMBER
SCHEMATIC
SPDT
Vertical
MDS001
MDS001
SPDT


Similar Part No. - MDS002

ManufacturerPart #DatasheetDescription
logo
C&K Components
MDS002C CK-COMPONENTS-MDS002C Datasheet
122Kb / 3P
Micro Snap-acting Detect Switches
More results

Similar Description - MDS002

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
Subminiature Snap-acting Switches
MDS CK-COMPONENTS-MDS Datasheet
336Kb / 6P
Micro Snap-acting Detect Switches
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
Miniature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
Subminiature Snap-acting Switches
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
Subminiature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
MDS CK-COMPONENTS-MDS_V01 Datasheet
122Kb / 3P
Micro Snap-acting Detect Switches
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
Miniature Snap-acting Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com